Electronic Components Datasheet Search |
|
MPC8548EHXATHC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MPC8548EHXATHC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 151 page MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 4 Freescale Semiconductor Overview – Up to 32 simultaneous open pages for DDR2 — Contiguous or discontiguous memory mapping — Read-modify-write support for RapidIO atomic increment, decrement, set, and clear transactions — Sleep mode support for self-refresh SDRAM — On-die termination support when using DDR2 — Supports auto refreshing — On-the-fly power management using CKE signal — Registered DIMM support — Fast memory access via JTAG port — 2.5-V SSTL_2 compatible I/O (1.8-V SSTL_1.8 for DDR2) — Support for battery-backed main memory • Programmable interrupt controller (PIC) — Programming model is compliant with the OpenPIC architecture. — Supports 16 programmable interrupt and processor task priority levels — Supports 12 discrete external interrupts — Supports 4 message interrupts with 32-bit messages — Supports connection of an external interrupt controller such as the 8259 programmable interrupt controller — Four global high-resolution timers/counters that can generate interrupts — Supports a variety of other internal interrupt sources — Supports fully nested interrupt delivery — Interrupts can be routed to external pin for external processing. — Interrupts can be routed to the e500 core’s standard or critical interrupt inputs. — Interrupt summary registers allow fast identification of interrupt source. • Integrated security engine (SEC) optimized to process all the algorithms associated with IPSec, IKE, WTLS/WAP, SSL/TLS, and 3GPP — Four crypto-channels, each supporting multi-command descriptor chains – Dynamic assignment of crypto-execution units via an integrated controller – Buffer size of 256 bytes for each execution unit, with flow control for large data sizes — PKEU—public key execution unit – RSA and Diffie-Hellman; programmable field size up to 2048 bits – Elliptic curve cryptography with F2m and F(p) modes and programmable field size up to 511 bits — DEU—Data Encryption Standard execution unit – DES, 3DES – Two key (K1, K2) or three key (K1, K2, K3) – ECB and CBC modes for both DES and 3DES |
Similar Part No. - MPC8548EHXATHC |
|
Similar Description - MPC8548EHXATHC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |