Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ6BQ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ6BQ
Description  Thick Film Chip Resistors / Low Resistance Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6BQ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ6BQ Datasheet HTML 1Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 2Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 3Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 4Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 5Page - Panasonic Semiconductor ERJ6BQ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thick Film Chip Resistors / Low Resistance Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
R
2
J
3
L
4
1
5
4
6
K
7
J
8
5
9
0
10
M
11
U
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inches
0.1 W
0.125 W
0.25 W
0.33 W
0.5 W
0.5 W
1W
Power R.
Code
K
U
Resistance Tolerance
Code
F
J
Tolerance
± 1%
± 5%
Shown by 3 digits or letters.
(Ex.) 50 M:50 m ,10 C:100 m
Resistance Value
Packaging Methods
Code
V
U
Packaging
Punched Carrier Taping
(L03, L06, L08)
Embossed Carrier Taping
(L14, L12, L1D, L1W)
Std.
20 m
to 100 m
Res. Value
L03 : 0603
L06 : 0805
L08 : 1206
L14 : 1210
L12 : 1812
L1D : 2010
L1W : 2512
20 m ,22m ,33m ,
39 m ,47m ,50m ,
100 m
()
✽ L03, L06, L08 : 47 m to 100 m
L1D, L1W : 40 m
to 100 m
E
1
R
2
J
3
2
4
B
5
6
W
7
G
8
R
9
0
10
4
11
7
12
X
Thick Film
Chip Resistors
Product Code
Resistance Tolerance
Code
F
G
J
Tolerance
± 1%
± 2%
± 5%
Shown by 4 digits or letters.
(Ex.) R047 : 0.047
=47 m
Resistance Value
Packaging Methods
Code
Packaging
X
Pressed Carrier Taping
2mm pitch (2BW)
V
Punched Carrier Taping
(6BW, 8BW)
Code
2BW
6BW
8BW
Size:inches
0402
0805
1206
0.125 W
0.25 W
0.5 W
Power Rating
Resistance Value
47 m
to 91 m
10 m
to 47 m
10 m
to 47 m
a
b
t
W
L
Construction
Dimensions in mm (not to scale)
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
Thick film
resistive element
Electrode (Outer)
Type
(inches)
Dimensions (mm)
Mass(Weight)
[g/1000 pcs.]
LWa
b
t
ERJ2BW (0402) 1.00
±0.10 0.50+0.10 0.24±0.10 0.24±0.10 0.35±0.05
0.8
ERJ2BS
(0402)
ERJ2BQ
1.00
±0.10 0.50+0.10 0.20±0.10 0.27±0.10 0.35±0.05
0.8
ERJ3R
ERJ3B
(0603)
ERJL03
1.60
±0.15 0.80+0.15 0.30±0.20 0.30±0.15 0.45±0.10
2
ERJ6BW(0805) 2.00
±0.20 1.25±0.20 0.55±0.20 0.55±0.20 0.65±0.10
6
ERJ6R
ERJ6B (0805)
ERJL06
2.00
±0.20 1.25±0.10 0.40±0.20 0.40±0.20 0.60±0.10
4
ERJ8BW(1206) 3.20
±0.20 1.60±0.20 1.00±0.20 1.00±0.20 0.65±0.10
13
ERJ8R
ERJ8B (1206)
ERJL08
3.20
+0.05 1.60+0.05 0.50±0.20 0.50±0.20 0.60±0.10
10
ERJ14R
ERJ14B (1210)
ERJL14
3.20
±0.20 2.50±0.20 0.50±0.20 0.50±0.20 0.60±0.10
16
ERJ12R
(1812)
ERJL12
4.50
±0.20 3.20±0.20 0.50±0.20 0.50±0.20 0.60±0.10
27
ERJL1D (2010) 5.00
±0.20 2.50±0.20 0.60±0.20 0.60±0.20 0.60±0.10
27
ERJ1TR
(2512)
ERJL1W
6.40
±0.20 3.20±0.20 0.65±0.20 0.60±0.20 0.60±0.10
45
6.40
±0.20 3.20±0.20 0.65±0.20 1.30±0.20 1.10±0.10
79
● ERJL03, L06, L08, L14, L12, L1D, L1W Series
● ERJ2BW, 6BW, 8BW Series
–0.20
–0.15
–0.05
–0.05
–0.05
Feb. 2007


Similar Part No. - ERJ6BQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6BQ PANASONIC-ERJ6BQ Datasheet
109Kb / 4P
   Thick Film Chip Resistors Low Resistance Type
ERJ6BQ PANASONIC-ERJ6BQ Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ6BQ0805 PANASONIC-ERJ6BQ0805 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ6BQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RSFR12V PANASONIC-ERJ-3RSFR12V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com