Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8548ECVUAUHC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8548ECVUAUHC
Description  Integrated Processor Hardware Specifications
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECVUAUHC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECVUAUHC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8548ECVUAUHC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
8
Freescale Semiconductor
Overview
— Memory prefetching of PCI read accesses
— Supports posting of processor-to-PCI and PCI-to-memory writes
— PCI 3.3-V compatible
— Selectable hardware-enforced coherency
Serial RapidIO™ interface unit
— Supports RapidIO™ Interconnect Specification, Revision 1.2
— Both 1× and 4× LP-serial link interfaces
— Long- and short-haul electricals with selectable pre-compensation
— Transmission rates of 1.25, 2.5, and 3.125 Gbaud (data rates of 1.0, 2.0, and 2.5 Gbps) per lane
— Auto detection of 1- and 4-mode operation during port initialization
— Link initialization and synchronization
— Large and small size transport information field support selectable at initialization time
— 34-bit addressing
— Up to 256 bytes data payload
— All transaction flows and priorities
— Atomic set/clr/inc/dec for read-modify-write operations
— Generation of IO_READ_HOME and FLUSH with data for accessing cache-coherent data at
a remote memory system
— Receiver-controlled flow control
— Error detection, recovery, and time-out for packets and control symbols as required by the
RapidIO specification
— Register and register bit extensions as described in part VIII (Error Management) of the
RapidIO specification
— Hardware recovery only
— Register support is not required for software-mediated error recovery.
— Accept-all mode of operation for fail-over support
— Support for RapidIO error injection
— Internal LP-serial and application interface-level loopback modes
— Memory and PHY BIST for at-speed production test
RapidIO-compatible message unit
— 4 Kbytes of payload per message
— Up to sixteen 256-byte segments per message
— Two inbound data message structures within the inbox
— Capable of receiving three letters at any mailbox
— Two outbound data message structures within the outbox
— Capable of sending three letters simultaneously
— Single segment multicast to up to 32 devIDs
— Chaining and direct modes in the outbox


Similar Part No. - MPC8548ECVUAUHC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8548ECVUAUHC FREESCALE-MPC8548ECVUAUHC Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
More results

Similar Description - MPC8548ECVUAUHC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
   Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
   Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
   Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
   Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com