Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2525EMLQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F2525EMLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
Download  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525EMLQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F2525EMLQTP Datasheet HTML 7Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 8Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 9Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 10Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 11Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 12Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 13Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 14Page - Microchip Technology PIC18F2525EMLQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 9
PIC18F2525/2620/4525/4620
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F2525
PIC18F2620
PIC18F4525
PIC18F4620
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
49152
65536
49152
65536
Program Memory (Instructions)
24576
32768
24576
32768
Data Memory (Bytes)
3968
3968
3968
3968
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
19
19
20
20
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, D, E
Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM Modules
2
2
1
1
Enhanced Capture/Compare/
PWM Modules
00
1
1
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
No
No
Yes
Yes
10-Bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
13 Input Channels
13 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage
Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
Packages
28-Pin SPDIP
28-Pin SOIC
28-Pin SPDIP
28-Pin SOIC
40-Pin PDIP
44-Pin QFN
44-Pin TQFP
40-Pin PDIP
44-Pin QFN
44-Pin TQFP


Similar Part No. - PIC18F2525EMLQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2525EML MICROCHIP-PIC18F2525EML Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results

Similar Description - PIC18F2525EMLQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2525 MICROCHIP-PIC18F2525 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2525 MICROCHIP-PIC18F2525_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4525-I MICROCHIP-PIC18F4525-I Datasheet
4Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420_05 Datasheet
283Kb / 16P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com