Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSR2N60B Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SSR2N60B
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSR2N60B Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SSR2N60B Datasheet HTML 1Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 2Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 3Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 4Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 5Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 6Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 7Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 8Page - Fairchild Semiconductor SSR2N60B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. B, November 2001
©2001 Fairchild Semiconductor Corporation
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - SSR2N60B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSR2N60B VBSEMI-SSR2N60B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
SSR2N60B-NL VBSEMI-SSR2N60B-NL Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
SSR2N60BTM VBSEMI-SSR2N60BTM Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SSR2N60B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com