Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZB670UPE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMZB670UPE
Description  20 V, single P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMZB670UPE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMZB670UPE Datasheet HTML 3Page - NXP Semiconductors PMZB670UPE Datasheet HTML 4Page - NXP Semiconductors PMZB670UPE Datasheet HTML 5Page - NXP Semiconductors PMZB670UPE Datasheet HTML 6Page - NXP Semiconductors PMZB670UPE Datasheet HTML 7Page - NXP Semiconductors PMZB670UPE Datasheet HTML 8Page - NXP Semiconductors PMZB670UPE Datasheet HTML 9Page - NXP Semiconductors PMZB670UPE Datasheet HTML 10Page - NXP Semiconductors PMZB670UPE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMZB670UPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 23 March 2012
7 of 15
NXP Semiconductors
PMZB670UPE
20 V, single P-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = -5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 7.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 8.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
(1) VGS = -1.5 V
(2) VGS = -1.8 V
(3) VGS = -2.0 V
(4) VGS = -2.5 V
(5) VGS = -4.5 V
ID = -400 mA
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 9.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0-4
-3
-1
-2
017aaa363
-0.2
-0.3
-0.1
-0.4
-0.5
ID
(A)
0.0
-4.5 V
-2.5 V
-2.0 V
VGS = -1.8 V
-1.6 V
-1.4 V
017aaa364
VGS (V)
0.0
-1.5
-1.0
-0.5
-10-4
-10-5
-10-3
ID
(A)
-10-6
(1)
(2)
(3)
ID (A)
0.0
-0.5
-0.4
-0.2
-0.3
-0.1
017aaa365
2
1
3
4
RDSon
(Ω)
0
(1)
(2)
(3)
(4)
(5)
VGS (V)
0-5
-4
-2
-3
-1
017aaa366
2
1
3
4
RDSon
(Ω)
0
(1)
(2)


Similar Part No. - PMZB670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
More results

Similar Description - PMZB670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMN70XPEA PHILIPS-PMN70XPEA_15 Datasheet
284Kb / 16P
   20 V, single P-channel Trench MOSFET
19 June 2014
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
   20 V, single P-channel Trench MOSFET
26 November 2014
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
   20 V, single P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com