Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB751CS-40T2R Datasheet(PDF) 1 Page - Rohm

Part # RB751CS-40T2R
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB751CS-40T2R Datasheet(HTML) 1 Page - Rohm

  RB751CS-40T2R Datasheet HTML 1Page - Rohm RB751CS-40T2R Datasheet HTML 2Page - Rohm RB751CS-40T2R Datasheet HTML 3Page - Rohm RB751CS-40T2R Datasheet HTML 4Page - Rohm RB751CS-40T2R Datasheet HTML 5Page - Rohm RB751CS-40T2R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB751CS-40
lApplication
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
Low current rectification
lFeatures
1) Ultra Small mold type
(VMN2)
2) Low VF
lStructure
3) High reliability
lConstruction
Silicon epitaxial planar
lTaping specifications
(Unit : mm)
lAbsolute maximum ratings
(Ta= 25°C)
Reverse voltage (repetitive peak)
VRM
V
Reverse voltage (DC)
VR
V
Average rectified forward current
Io
mA
Forward current surge peak (60Hz・1cyc)
IFSM
mA
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Symbol Min.
Typ. Max.
Unit
Forward voltage
VF
-
-
0.37
V
IF=1mA
Reverse current
IR
-
-
0.5
m
A
VR=30V
Capacitance between terminals
Ct
-
2
-
pF
VR=1V, f=1MHz
Parameter
Conditions
Parameter
-
40 to +125
lElectrical characteristics
(Ta = 25°C)
Symbol
Limits
Unit
40
30
30
200
125
ROHM : VMN2
dot (year week factory)+day
0.16±0.05
0.37±0.03
0.6±0.05
0.35±0.1
0.156
VMN2
0.55
Anode
Cathode
1/5
2013.04 - Rev.B


Similar Part No. - RB751CS-40T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751CS-40 ROHM-RB751CS-40 Datasheet
146Kb / 4P
   Schottky barrier diode
RB751CS-40 ROHM-RB751CS-40 Datasheet
369Kb / 4P
   Schottky barrier diode
RB751CS-40 ROHM-RB751CS-40 Datasheet
1,013Kb / 4P
   Schottky barrier diode
logo
Jiangsu Changjiang Elec...
RB751CS-40 JIANGSU-RB751CS-40 Datasheet
577Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Yea Shin Technology Co....
RB751CS-40 YEASHIN-RB751CS-40 Datasheet
964Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - RB751CS-40T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com