Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR03 Datasheet(PDF) 4 Page - Rohm

Part # ESR03
Description  Anti-surge Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR03 Datasheet(HTML) 4 Page - Rohm

  ESR03 Datasheet HTML 1Page - Rohm ESR03 Datasheet HTML 2Page - Rohm ESR03 Datasheet HTML 3Page - Rohm ESR03 Datasheet HTML 4Page - Rohm ESR03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
ESR Series
Tape Dimensions
Paper Tape
Embossed Tape
A0
P1
P0
P2
K
P0
P2
P1
E
F
W
T2
φD0
A0
B0
Base paper
(Bottom tape)
Components
Cavity
Top tape
0.7
±0.1
1.2
±0.1
1.1
±0.1
1.9
±0.1
1.65
+0.2
−0.1
2.4
+0.2
−0.1
1.95
+0.1
−0.05
3.5
+0.15
−0.05
(Unit : mm)
W
Part No.
F
E
A0
B0
8.0
±0.3
ESR01
3.5
±0.05
1.75
±0.1
8.0
±0.3
ESR03
3.5
±0.05
1.75
±0.1
8.0
±0.3
ESR10
3.5
±0.05
1.75
±0.1
8.0
±0.3
ESR18
3.5
±0.05
1.75
±0.1
φ1.5
+0.1
0
φ1.5
+0.1
0
φ1.5
+0.1
0
φ1.5
+0.1
0
2.0
±0.05
Max 1.1
2.0
±0.05
2.0
±0.05
2.0
±0.05
Max 1.1
Max 1.1
Max 1.1
D0
Part No.
P0
P1
P2
T2
4.0
±0.1
4.0
±0.1
4.0
±0.1
4.0
±0.1
ESR01
2.0
±0.05
ESR03
4.0
±0.1
ESR10
4.0
±0.1
ESR18
4.0
±0.1
3.0
±0.1
3.5
±0.1
(Unit : mm)
W
Part No.
F
E
A0
B0
D0
P0
P1
P2
K
8.0
±0.3
ESR25
3.5
±0.05
1.75
±0.1
2.0
±0.05
Max 1.1
4.0
±0.1
4.0
±0.1
φ1.5
+0.1
0
Reel Dimensions
A
Part No.
B
C
D
(Unit : mm)
φ13±0.2
ESR01
ESR03
ESR10
ESR18
ESR25
9 +
1.0
0
C
AB
D
φ180
0
−1.5
φ60 +
1.0
0
Label
ACCORDING TO EIAJ ET-7200B


Similar Part No. - ESR03

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR03 ROHM-ESR03 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR03EZPD ROHM-ESR03EZPD Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
More results

Similar Description - ESR03

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com