Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0816-R10F Datasheet(PDF) 10 Page - DAESAN ELECTRONIC CORP.

Part # RL0816-R10F
Description  1/8W 0816 LOW RESISTNACE CHIP RESISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL0816-R10F Datasheet(HTML) 10 Page - DAESAN ELECTRONIC CORP.

Back Button RL0816-R10F Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 6Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 7Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 8Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 9Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 10Page - DAESAN ELECTRONIC CORP. RL0816-R10F Datasheet HTML 11Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: RLI00000N
REVISION
: A1
PAGE
: 10 OF 11
6. Packaging
6-1 Dimensions
6-1-1 Tape packaging dimensions
※Pre.emptied holes:75 holes (or 30cm) or more
Code Letter
A
B
Unit : mm
Dimension
1.1
± 0.1
1.9
± 0.1
6-1-2 Reel Dimensions
B
1.5
0.1
0.0
Sprocket hole
Carries cavity
2.0 ± 0.05
A
0.65 ± 0.1
0.6 ± 0.05
4.0 ± 0.1
4.0 ± 0.1
8.0 ± 0.3
1.75 ± 0.1
Pull Direction
3.5 ± 0.05


Similar Part No. - RL0816-R10F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RL0816-4-R010F DELTA-RL0816-4-R010F Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R010G DELTA-RL0816-4-R010G Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R010J DELTA-RL0816-4-R010J Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R020F DELTA-RL0816-4-R020F Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-4-R020G DELTA-RL0816-4-R020G Datasheet
144Kb / 7P
   1/2W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
More results

Similar Description - RL0816-R10F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT0816-2-R100F DELTA-RLT0816-2-R100F Datasheet
137Kb / 9P
   1/8W, 0603, Low Resistance Chip Resistor (Lead / Halogen Free)
RLT0510-2-R075F DELTA-RLT0510-2-R075F Datasheet
99Kb / 9P
   1/8W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1005-2-R075F DAESAN-RL1005-2-R075F Datasheet
236Kb / 8P
   1/8W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Vishay Barry
RP0805ZZ-XXXXWN-96 BARRY-RP0805ZZ-XXXXWN-96 Datasheet
180Kb / 2P
   8W BeO Chip Resistor w/ Wraparound Terminals
REV.B MAY 21 2021
RP2010ZZ-XXXXJN-91 BARRY-RP2010ZZ-XXXXJN-91 Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RE1005ZZ-XXXXJN-2S BARRY-RE1005ZZ-XXXXJN-2S Datasheet
182Kb / 2P
   8W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RY1005ZZ-XXXXJN-98 BARRY-RY1005ZZ-XXXXJN-98 Datasheet
150Kb / 2P
   8W 1005 BeO Chip Resistor w/ Isolated Center Pad
RZ1005ZZ-XXXXJN-2S BARRY-RZ1005ZZ-XXXXJN-2S Datasheet
202Kb / 2P
   8W AlN Chip Resistor w/ One Extended Mounting Pad
REV.B JAN 12 2017
RZ1005ZZ-XXXXJN-98 BARRY-RZ1005ZZ-XXXXJN-98 Datasheet
198Kb / 2P
   8W BeO Chip Resistor w/ One Extended Mounting Pad
REV.B DEC 20 2016
RE1005ZZ-XXXXJN-98 BARRY-RE1005ZZ-XXXXJN-98 Datasheet
183Kb / 2P
   8W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com