Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC826XACZU Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC826XACZU
Description  PowerQUICC II Integrated Communications Processor Hardware Specifications
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC826XACZU Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC826XACZU Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC826XACZU Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 2.0
Freescale Semiconductor
9
Electrical and Thermal Characteristics
Table 3 shows DC electrical characteristics.
Table 3. DC Electrical Characteristics1
Characteristic
Symbol
Min
Max
Unit
Input high voltage, all inputs except CLKIN
VIH
2.0
3.465
V
Input low voltage
VIL
GND
0.8
V
CLKIN input high voltage
VIHC
2.4
3.465
V
CLKIN input low voltage
VILC
GND
0.4
V
Input leakage current, VIN = VDDH
2
IIN
—10
µA
Hi-Z (off state) leakage current, VIN = VDDH
2
IOZ
—10
µA
Signal low input current, VIL = 0.8 V
IL
—1
µA
Signal high input current, VIH = 2.0 V
IH
—1
µA
Output high voltage, IOH = –2 mA
except XFC, UTOPIA mode, and open drain pins
In UTOPIA mode: IOH = –8.0 mA
PA[0-31]
PB[4-31]
PC[0-31]
PD[4-31]
VOH
2.4
V
In UTOPIA mode: IOL = 8.0 mA
PA[0-31]
PB[4-31]
PC[0-31]
PD[4-31]
VOL
—0.5
V


Similar Part No. - MPC826XACZU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC826XACZU FREESCALE-MPC826XACZU Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
logo
Motorola, Inc
MPC826XACZUBUS MOTOROLA-MPC826XACZUBUS Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC826XACZUBUSX MOTOROLA-MPC826XACZUBUSX Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC826XACZUSPM MOTOROLA-MPC826XACZUSPM Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC826XACZUSPMX MOTOROLA-MPC826XACZUSPMX Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results

Similar Description - MPC826XACZU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8260EC FREESCALE-MPC8260EC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com