Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T494X226K035AT Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # T494X226K035AT
Description  RF Power Field Effect Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T494X226K035AT Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  T494X226K035AT Datasheet HTML 1Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 2Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 3Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 4Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 5Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 6Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 7Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 8Page - Freescale Semiconductor, Inc T494X226K035AT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
1
100
1
TC =25°C
10
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
40
0
10
0
DRAIN VOLTAGE (VOLTS)
9
8
7
6
20
120
Figure 6. DC Drain Current versus Drain Voltage
60
600
22
28
IDQ = 1350 mA
10
26
25
24
Pout, OUTPUT POWER (WATTS) CW
Figure 7. CW Power Gain versus Output Power
VDD =50 Vdc
f1 = 220 MHz
100
10
40
100
27
5
VGS =3 V
Coss
Crss
80
100
4
3
2
1
2.75 V
2.63 V
2.5 V
2.25 V
23
100
1125 mA
900 mA
650 mA
450 mA
100
--55
--15
1
Pout, OUTPUT POWER (WATTS) PEP
--25
--30
--35
--40
10
600
Figure 8. Third Order Intermodulation Distortion
versus Output Power
VDD = 50 Vdc, f1 = 220 MHz, f2 = 220.1 MHz
Two--Tone Measurements, 100 kHz Tone Spacing
--45
--50
--20
IDQ = 450 mA
1350 mA
900 mA
650 mA
1125 mA
34
50
60
24
28
26
58
56
54
52
Pin, INPUT POWER (dBm)
Figure 9. CW Output Power versus Input Power
30
32
P3dB = 55.76 dBm (377 W)
Actual
Ideal
P1dB = 55.04 dBm (319 W)
VDD =50 Vdc,IDQ = 900 mA
f = 220 MHz
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc


Similar Part No. - T494X226K035AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
T494X226K035AT FREESCALE-T494X226K035AT Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
T494X226K035AT FREESCALE-T494X226K035AT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Kemet Corporation
T494X226K035AT KEMET-T494X226K035AT Datasheet
81Kb / 1P
   T494, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 4.3mm
More results

Similar Description - T494X226K035AT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com