Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH6R3VSN183MQ25T Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # EKMH6R3VSN183MQ25T
Description  PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH6R3VSN183MQ25T Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

Back Button EKMH6R3VSN183MQ25T Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 10Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 11Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 12Page - United Chemi-Con, Inc. EKMH6R3VSN183MQ25T Datasheet HTML 13Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
100 Volts
125 Volts Surge
80 Volts
100 Volts Surge
KMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/15
820
EKMH800VSN821MP25T
22
25
P25
0.303
1.11
1,000
EKMH800VSN102MP25T
22
25
P25
0.249
1.22
1,200
EKMH800VSN122MP30T
22
30
P30
0.207
1.38
1,500
EKMH800VSN152MP35T
22
35
P35
0.166
1.59
1,800
EKMH800VSN182MP40T
22
40
P40
0.138
1.8
2,200
EKMH800VSN222MP45T
22
45
P45
0.113
2.04
1,200
EKMH800VSN122MQ25T
25.4
25
Q25
0.207
1.39
1,500
EKMH800VSN152MQ30T
25.4
30
Q30
0.166
1.61
1,800
EKMH800VSN182MQ30T
25.4
30
Q30
0.138
1.76
2,200
EKMH800VSN222MQ35T
25.4
35
Q35
0.113
2.01
2,700
EKMH800VSN272MQ45T
25.4
45
Q45
0.092
2.36
3,300
EKMH800VSN332MQ50T
25.4
50
Q50
0.075
2.68
1,800
EKMH800VSN182MR25T
30
25
R25
0.138
1.65
2,200
EKMH800VSN222MR30T
30
30
R30
0.113
2.05
2,700
EKMH800VSN272MR35T
30
35
R35
0.092
2.35
3,300
EKMH800VSN332MR40T
30
40
R40
0.075
2.68
3,900
EKMH800VSN392MR45T
30
45
R45
0.064
3.0
4,700
EKMH800VSN472MR50T
30
50
R50
0.053
3.39
2,200
EKMH800VSN222MA25T
35
25
A25
0.113
2.07
2,700
EKMH800VSN272MA25T
35
25
A25
0.092
2.29
3,300
EKMH800VSN332MA30T
35
30
A30
0.075
2.45
3,900
EKMH800VSN392MA35T
35
35
A35
0.064
2.98
4,700
EKMH800VSN472MA40T
35
40
A40
0.053
3.38
5,600
EKMH800VSN562MA45T
35
45
A45
0.044
3.8
6,800
EKMH800VSN682MA50T
35
50
A50
0.037
3.9
8,200
EKMH800VSN822MA63T
35
63
A63
0.03
4.42
12,000
EKMH800VSN103MA80T
35
80
A80
0.021
5.72
3,900
EKMH800VQT392MB25T
40
25
B25
0.064
2.5
4,700
EKMH800VQT472MB30T
40
30
B30
0.053
2.88
5,600
EKMH800VQT562MB35T
40
35
B35
0.044
3.26
6,800
EKMH800VQT682MB40T
40
40
B40
0.037
3.7
10,000
EKMH800VQT103MB50T
40
50
B50
0.025
4.77
12,000
EKMH800VQT123MB63T
40
63
B63
0.021
5.58
18,000
EKMH800VQT183MB80T
40
80
B80
0.014
7.43
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
560
EKMH101VSN561MP25T
22
25
P25
0.444
1.05
820
EKMH101VSN821MP30T
22
30
P30
0.303
1.32
1,000
EKMH101VSN102MP35T
22
35
P35
0.249
1.5
1,200
EKMH101VSN122MP40T
22
40
P40
0.207
1.69
1,500
EKMH101VSN152MP45T
22
45
P45
0.166
1.94
820
EKMH101VSN821MQ25T
25.4
25
Q25
0.303
1.33
1,000
EKMH101VSN102MQ30T
25.4
30
Q30
0.249
1.51
1,200
EKMH101VSN122MQ35T
25.4
35
Q35
0.207
1.71
1,500
EKMH101VSN152MQ40T
25.4
40
Q40
0.166
1.98
1,800
EKMH101VSN182MQ45T
25.4
45
Q45
0.138
2.23
2,200
EKMH101VSN222MQ50T
25.4
50
Q50
0.113
2.53
1,200
EKMH101VSN122MR25T
30
25
R25
0.207
1.68
1,500
EKMH101VSN152MR30T
30
30
R30
0.166
1.95
1,800
EKMH101VSN182MR35T
30
35
R35
0.138
2.5
2,200
EKMH101VSN222MR40T
30
40
R40
0.113
2.7
2,700
EKMH101VSN272MR45T
30
45
R45
0.092
2.88
3,300
EKMH101VSN332MR50T
30
50
R50
0.075
3.28
1,500
EKMH101VSN152MA25T
35
25
A25
0.166
1.98
1,800
EKMH101VSN182MA25T
35
25
A25
0.138
2.17
2,200
EKMH101VSN222MA30T
35
30
A30
0.113
2.5
2,700
EKMH101VSN272MA35T
35
35
A35
0.092
2.86
3,300
EKMH101VSN332MA40T
35
40
A40
0.075
3.27
3,900
EKMH101VSN392MA45T
35
45
A45
0.064
3.67
4,700
EKMH101VSN472MA50T
35
50
A50
0.053
3.8
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH6R3VSN183MQ25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH6R3VSN183MQ25T CHEMI-CON-EKMH6R3VSN183MQ25T Datasheet
180Kb / 15P
   Standard Voltage Ratings - Snap Mount
More results

Similar Description - EKMH6R3VSN183MQ25T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMM161VSN152MQ60T ETC2-EKMM161VSN152MQ60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
STI Vibration Monitorin...
CMCP605 STI-CMCP605 Datasheet
518Kb / 2P
   M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors
03/18/2022
logo
NXP Semiconductors
100118 PHILIPS-100118 Datasheet
248Kb / 5P
   Quint 2-4-4-4-5 Input OR-AND Gate
June 14 1990
logo
Glenair, Inc.
947-139NF21-35 GLENAIR-947-139NF21-35 Datasheet
471Kb / 2P
   Pin/Pin or Socket/Socket In-Line Connector
logo
Tyco Electronics
536019-5 MACOM-536019-5 Datasheet
108Kb / 1P
   PIN ASSEMBLY, EUROCARD, TYPE RMFBL OR FOR 1.57[.062] PC BOARD
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
380LX CDE-380LX_18 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com