Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG6R3E682MK25S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMG6R3E682MK25S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG6R3E682MK25S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMG6R3E682MK25S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG6R3E682MK25S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG6R3E682MK25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Standard, Downsized, 105C
CAT. No. E1001K
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (mF)
Frequency (Hz)
1.0 to 4.7
10 to 47
100 to 1,000
2,200 to
@Frequency Multipliers
SS : Enter the appropriate lead forming or taping code.
is not solvent resistant.
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
450
2.2
10B12.5
0.24
23
EKMG451ESS2R2MJC5S
3.3
10B16
0.24
31
EKMG451ESS3R3MJ16S
4.7
10B20
0.24
40
EKMG451ESS4R7MJ20S
10
12.5B20
0.24
65
EKMG451ESS100MK20S
22
16B25
0.24
115
EKMG451ESS220ML25S
33
16B31.5
0.24
155
EKMG451ESS330MLN3S
47
16B35.5
0.24
185
EKMG451ESS470MLP1S
(3/3)


Similar Part No. - EKMG6R3E682MK25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG6R3E682MK25S CHEMI-CON-EKMG6R3E682MK25S Datasheet
105Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E682MK25S CHEMI-CON-EKMG6R3E682MK25S Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E682MK25S CHEMI-CON-EKMG6R3E682MK25S Datasheet
83Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E682MK25S CHEMI-CON-EKMG6R3E682MK25S Datasheet
98Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E682MK25S CHEMI-CON-EKMG6R3E682MK25S Datasheet
70Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG6R3E682MK25S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com