Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0603KDKTAP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRCW0603KDKTAP
Description  Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603KDKTAP Datasheet(HTML) 4 Page - Vishay Siliconix

  CRCW0603KDKTAP Datasheet HTML 1Page - Vishay Siliconix CRCW0603KDKTAP Datasheet HTML 2Page - Vishay Siliconix CRCW0603KDKTAP Datasheet HTML 3Page - Vishay Siliconix CRCW0603KDKTAP Datasheet HTML 4Page - Vishay Siliconix CRCW0603KDKTAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D../CRCW....-P
Lead (Pb)-bearing Thick Film, Rectangular
Precision Chip Resistor
Vishay
Document Number: 20009
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
139
0402
0603 0805
1206
1210
2010
2512
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
Power in W
Temperature Rise
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1
TEST (clause)
CONDITIONS OF TEST
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR/R)
STABILITY CLASS 1 OR BETTER
Stability for product types:
10R to 10M
D../CRCW....-P
Resistance (4.5)
-
± 1 %; ± 0.5 %; ± 0.25 %
Temperature coefficient (4.8.4.2)
20/- 55/20 °C and
20/125/20 °C
± 100 ppm/K; ± 50 ppm/K; ± 100 ppm/K
Overload (4.13)
U = 2.5 x (P70 x R)1/2
≤ 2 x U
max.;
Duration: according the style
±
(0.25 % R + 0.05 Ω)
Solderability (4.17.5)
Aging 4 h at 155 °C, dryheat
solder bath method; 235 °C; 2 s
visual examination
Good tinning
(
≥ 95 % covered)
no visible damage
Resistance to soldering heat
(4.18.2)
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
±
(0.25 % R + 0.05 Ω)
Rapid change of temperature (4.19)
30 min at LCT = - 55 °C;
30 min at UCT = 125 °C; 5 cycles
±
(0.25 % R + 0.05 Ω)
Damp heat, steady state (4.24)
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
±
(1 % R + 0.05 Ω)
Climatic sequence (4.23)
16 h at UCT = 125 °C; 1 cycle at 55 °C;
2 h at LCT = - 55 °C;
1 h/1 kPa at 15 °C to 35 °C;
5 cycles at 55 °C
U = (P70 × R)1/2
U = Umax.; whichever is less severe
±
(1 % R + 0.05 Ω)
Endurance at 70 °C (4.25.1)
U = (P70 × R)1/2
U = Umax.; whichever is less severe
1.5 h ON; 0.5 h OFF;
70 °C; 1000 h
±
(1 % R + 0.05 Ω)
Extended endurance (4.25.1.8)
Duration extended to 8000 h
± (2 %
R + 0.1
Ω)
Endurance at upper category
temperature (4.25.3)
UCT = 125 °C; 1000 h
± (1 %
R + 0.05
Ω)
APPLICABLE SPECIFICATIONS
• EN 60115-1
Generic Specifications
• EN 140400
Sectional Specification
• EN 140401-802
Detail Specifications
• IEC 60068-2-x
Variety of environmental test procedures
• IEC 60286-3
Packaging of SMD components


Similar Part No. - CRCW0603KDKTAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603KDKTAP VISHAY-CRCW0603KDKTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603KDKTAP VISHAY-CRCW0603KDKTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results

Similar Description - CRCW0603KDKTAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402137KFKED VISHAY-CRCW0402137KFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW020117K4FNED VISHAY-CRCW020117K4FNED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com