Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68360RC25 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68360RC25
Description  MC68360 QUad Integrated Communication Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68360RC25 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68360RC25 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68360RC25 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
The four general-purpose timers on the QUICC are functionally similar to the two general-purpose timers
found on the MC68302. However, they offer some minor enhancements, such as the internal cascading of
two timers to form a 32-bit timer. The QUICC also contains a periodic interval timer in the SIM60, bringing the
total to five on-chip timers.
Upgrading Designs from the MC68302
Since the QUICC is a next-generation MC68302, many designers currently using the MC68302 may wish to
use the QUICC in a follow-on design. The following paragraphs briefly discuss this endeavor in terms of
architectural approach, hardware issues, and software issues.
Architectural Approach
The QUICC is the logical extension of the MC68302, but the overall architecture and philosophy of the
MC68302 design remains intact in the QUICC. The QUICC keeps the best features of the MC68302, while
making the changes required to provide for the increased flexibility, integration, and performance requested
by customers. Because the CPM is probably the most difficult module to learn, anyone who has used the
MC68302 can easily become familiar with the QUICC since the CPM architectural approach remains intact.
The most significant architectural change made on the QUICC was the translation of the design into the
standard M68300 family IMB architecture, resulting in a faster CPU and different system integration features.
Although the features of the SIM60 do not exactly correspond to those of the MC68302 SIM, they are very
similar. The QUICC SIM60 combines the best MC68302 SIM features with the best MC68340 SIM features
for improved performance.
Because of the similarity of the QUICC SIM60 and CPU to other members of the M68300 family, such as the
MC68332 and the MC68340, previous users of these devices will be comfortable with these same features
on the QUICC.
Hardware Compatibility Issues
The following list summarizes the hardware differences between the MC68302 and the QUICC:
• Pinout—The pinout is not the same. The QUICC has 240 pins; the MC68302 has 132 pins.
• Package—Both devices offer PGA and PQFP packages. However, the QUICC
PQFP package has a 20-mil pitch; whereas, the MC68302 PQFP package has a
25-mil pitch.
• System Bus—The system bus signals now look like those of the MC68030 as opposed to those of the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68360RC25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68360RC25 MOTOROLA-MC68360RC25 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
Freescale Semiconductor...
MC68360RC25 FREESCALE-MC68360RC25 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
logo
Motorola, Inc
MC68360RC25V MOTOROLA-MC68360RC25V Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
More results

Similar Description - MC68360RC25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68360EM25VL FREESCALE-MC68360EM25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68360AI25VL FREESCALE-MC68360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
logo
Motorola, Inc
MC68360UMAD MOTOROLA-MC68360UMAD Datasheet
159Kb / 28P
   Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Motorola, Inc
MC68360 MOTOROLA-MC68360 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
ATMEL Corporation
TSPC860 ATMEL-TSPC860 Datasheet
1Mb / 93P
   Integrated Communication Processor
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
   ATM communication controller
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
   IrDA Communication Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
   TTP-C2NF Communication Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com