Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVB143TPDXV6T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSVB143TPDXV6T1G
Description  Dual Bias Resistor Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVB143TPDXV6T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSVB143TPDXV6T1G Datasheet HTML 1Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 2Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 3Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 4Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 6Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 7Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 8Page - ON Semiconductor NSVB143TPDXV6T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 7
1
Publication Order Number:
NSBC114EPDXV6/D
NSBC114EPDXV6T1G,
NSVBC114EPDXV6T1G Series
Dual Bias Resistor
Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with
a monolithic bias network consisting of two resistors; a series base
resistor and a base−emitter resistor. These digital transistors are
designed to replace a single device and its external resistor bias
network. The BRT eliminates these individual components by
integrating them into a single device. In the NSBC114EPDXV6T1
series, two complementary BRT devices are housed in the SOT−563
package which is ideal for low power surface mount applications
where board space is at a premium.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7 inch Tape and Reel
AEC−Q101 Qualified and PPAP Capable
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These are Pb−Free Devices*
MAXIMUM RATINGS (TA = 25°C unless otherwise noted, common for Q1
and Q2, − minus sign for Q1 (PNP) omitted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking table
on page 2 of this data sheet.
Q1
R1
R2
R2
R1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
http://onsemi.com
SOT−563
CASE 463A
PLASTIC
xx = Specific Device Code
(see table on page 2)
M = Date Code
G
=Pb−Free Package
MARKING DIAGRAM
xx MG
G
Device
Package
Shipping
ORDERING INFORMATION
NSBC114EPDXV6T1G
SOT−563
4 mm pitch
4000/Tape & Reel
NSBC114EPDXV6T5G
SOT−563
2 mm pitch
8000/Tape & Reel
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NSVB143TPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVB143ZPDXV6T1G ONSEMI-NSVB143ZPDXV6T1G Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
More results

Similar Description - NSVB143TPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com