Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC143TPDXV6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSBC143TPDXV6T1G
Description  Dual Bias Resistor Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC143TPDXV6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSBC143TPDXV6T1G Datasheet HTML 1Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 2Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 3Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 4Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 6Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 7Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 8Page - ON Semiconductor NSBC143TPDXV6T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NSBC114EPDXV6T1G, NSVBC114EPDXV6T1G Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic (One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C (Note 1)
Derate above 25°C (Note 1)
PD
357
2.9
mW
mW/°C
Thermal Resistance (Note 1)
Junction-to-Ambient
RqJA
350
°C/W
Characteristic (Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C (Note 1)
Derate above 25°C (Note 1)
PD
500
4.0
mW
mW/°C
Thermal Resistance (Note 1)
Junction-to-Ambient
RqJA
250
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (kW)
R2 (kW)
NSBC114EPDXV6T1G
SOT−563
11
10
10
NSBC124EPDXV6T1G
SOT−563
12
22
22
NSBC144EPDXV6T1G
SOT−563
13
47
47
NSVB144EPDXV6T1G
SOT−563
13
47
47
NSBC114YPDXV6T1G
SOT−563
14
10
47
NSVBC114YDXV6T1G
SOT−563
14
10
47
NSBC114TPDXV6T1G (Note 2)
SOT−563
15
10
NSBC143TPDXV6T1G (Note 2)
SOT−563
16
4.7
NSVB143TPDXV6T1G (Note 2)
SOT−563
16
4.7
NSBC113EPDXV6T1G (Note 2)
SOT−563
30
1.0
1.0
NSBC123EPDXV6T1G (Note 2)
SOT−563
31
2.2
2.2
NSBC143EPDXV6T1G (Note 2)
SOT−563
32
4.7
4.7
NSBC143ZPDXV6T1G (Note 2)
SOT−563
33
4.7
47
NSVB143ZPDXV6T1G (Note 2)
SOT−563
33
4.7
47
NSBC124XPDXV6T1G (Note 2)
SOT−563
34
22
47
NSVB124XPDXV6T1G (Note 2)
SOT−563
34
22
47
NSBC123JPDXV6T1G (Note 2)
SOT−563
35
2.2
47
NSVB123JPDXV6T1G (Note 2)
SOT−563
35
2.2
47


Similar Part No. - NSBC143TPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC143TPDXV6T1G ONSEMI-NSBC143TPDXV6T1G Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
More results

Similar Description - NSBC143TPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com