Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114YPDXV6T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSBC114YPDXV6T1G
Description  Dual Bias Resistor Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114YPDXV6T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSBC114YPDXV6T1G Datasheet HTML 1Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 2Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 3Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 4Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 6Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 7Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 8Page - ON Semiconductor NSBC114YPDXV6T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NSBC114EPDXV6T1G, NSVBC114EPDXV6T1G Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted)
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS (Note 3)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
NSBC114EPDXV6T1G
NSBC124EPDXV6T1G
NSBC114YPDXV6T1G, NSVBC114YDXV6T1G
NSBC114TPDXV6T1G
NSBC143TPDXV6T1G, NSVB143TPDXV6T1G
NSBC113EPDXV6T1G
NSBC123EPDXV6T1G
NSBC143EPDXV6T1G
NSBC143ZPDXV6T1G, NSVB143ZPDXV6T1G
NSBC124XPDXV6T1G, NSVB124XPDXV6T1G
NSBC123JPDXV6T1G, NSVB123JPDXV6T1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
NSBC144EPDXV6T1G, NSVB144EPDXV6T1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
NSBC114EPDXV6T1G
NSBC124EPDXV6T1G
NSBC144EPDXV6T1G, NSVB144EPDXV6T1G
NSBC114YPDXV6T1G, NSVBC114YDXV6T1G
NSBC143TPDXV6T1G, NSVB143TPDXV6T1G
NSBC143ZPDXV6T1G, NSVB143ZPDXV6T1G
NSBC124XPDXV6T1G, NSVB124XPDXV6T1G
NSBC123JPDXV6T1G, NSVB123JPDXV6T1G
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
NSBC113EPDXV6T1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
NSBC114TPDXV6T1G
NSBC123EPDXV6T1G
NSBC143EPDXV6T1G
VOH
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
Vdc
Input Resistor
NSBC114EPDXV6T1G
NSBC124EPDXV6T1G
NSBC144EPDXV6T1G, NSVB144EPDXV6T1G
NSBC114YPDXV6T1G, NSVBC114YDXV6T1G
NSBC114TPDXV6T1G
NSBC143TPDXV6T1G, NSVB143TPDXV6T1G
NSBC113EPDXV6T1G
NSBC123EPDXV6T1G
NSBC143EPDXV6T1G
NSBC143ZPDXV6T1G, NSVB143ZPDXV6T1G
NSBC124XPDXV6T1G, NSVB124XPDXV6T1G
NSBC123JPDXV6T1G, NSVB123JPDXV6T1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
k W
Resistor Ratio
NSBC114EPDXV6T1G
NSBC124EPDXV6T1G
NSBC144EPDXV6T1G, NSVB144EPDXV6T1G
NSBC114YPDXV6T1G, NSVBC114YDXV6T1G
NSBC114TPDXV6T1G
NSBC143TPDXV6T1G, NSVB143TPDXV6T1G
NSBC113EPDXV6T1G
NSBC123EPDXV6T1G
NSBC143EPDXV6T1G
NSBC143ZPDXV6T1G, NSVB143ZPDXV6T1G
NSBC124XPDXV6T1G, NSVB124XPDXV6T1G
NSBC123JPDXV6T1G, NSVB123JPDXV6T1G
R1/R2
0.8
0.8
0.8
0.17
0.8
0.8
0.8
0.055
0.38
0.038
1.0
1.0
1.0
0.21
1.0
1.0
1.0
0.1
0.47
0.047
1.2
1.2
1.2
0.25
1.2
1.2
1.2
0.185
0.56
0.056
2. New resistor combinations. Updated curves to follow in subsequent data sheets.
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - NSBC114YPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114YPDXV6T1G ONSEMI-NSBC114YPDXV6T1G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114YPDXV6T1G ONSEMI-NSBC114YPDXV6T1G Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
More results

Similar Description - NSBC114YPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com