Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114EPDXV6T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NSBC114EPDXV6T1G
Description  Dual Bias Resistor Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114EPDXV6T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NSBC114EPDXV6T1G Datasheet HTML 5Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 6Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 7Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 8Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 9Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 10Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 11Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 12Page - ON Semiconductor NSBC114EPDXV6T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NSBC114EPDXV6T1G, NSVBC114EPDXV6T1G Series
http://onsemi.com
9
TYPICAL ELECTRICAL CHARACTERISTICS − NSBC124EPDXV6T1 PNP TRANSISTOR
Figure 17. VCE(sat) versus IC
Figure 18. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
Figure 19. Output Capacitance
IC, COLLECTOR CURRENT (mA)
0
10
20
30
VO = 0.2 V
TA =-25°C
75
°C
100
10
1
0.1
40
50
Figure 20. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001
0
1
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
5
6
7
8
9
10
Figure 21. Input Voltage versus Output Current
0.01
0.1
1
10
40
IC, COLLECTOR CURRENT (mA)
0
20
50
75
°C
25
°C
TA =-25°C
50
010
20
30
40
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
25
°C
IC/IB = 10
25
°C
-25
°C
VCE = 10 V
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
75
°C
25
°C
TA =-25°C
VO = 5 V


Similar Part No. - NSBC114EPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EPDXV6T1G ONSEMI-NSBC114EPDXV6T1G Datasheet
164Kb / 14P
   Dual Bias Resistor Transistors
November, 2008 ??Rev. 5
NSBC114EPDXV6T1G ONSEMI-NSBC114EPDXV6T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - NSBC114EPDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com