Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8DN3LLH5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STS8DN3LLH5
Description  Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DN3LLH5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STS8DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 9Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 10Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 11Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STS8DN3LLH5
Revision history
Doc ID 16967 Rev 1
11/12
5
Revision history
Table 8.
Document revision history
Date
Revision
Changes
12-Jan-2010
1
First release


Similar Part No. - STS8DN3LLH5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STS8DN3LLH5 DOINGTER-STS8DN3LLH5 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STS8DN3LLH5 VBSEMI-STS8DN3LLH5 Datasheet
935Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results

Similar Description - STS8DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STS9D8NH3LL STMICROELECTRONICS-STS9D8NH3LL Datasheet
423Kb / 14P
   Dual N-channel 30 V - 0.012 廓 - 9 A - SO-8 low on-resistance STripFET??Power MOSFET
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
   N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
   N-channel 30 V - 0.008 廓 - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
   N-channel 30 V - 0.018 廓 - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com