Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8DN3LLH5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS8DN3LLH5
Description  Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DN3LLH5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STS8DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 9Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 10Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 11Page - STMicroelectronics STS8DN3LLH5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STS8DN3LLH5
8/12
Doc ID 16967 Rev 1
3
Test circuits
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
µF
3.3
µF
VDD
AM01469v1
VDD
47k
1k
47k
2.7k
1k
12V
Vi=20V=VGMAX
2200
µF
PW
IG=CONST
100
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
µH
µF
3.3
1000
µF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
µF
3.3
µF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STS8DN3LLH5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STS8DN3LLH5 DOINGTER-STS8DN3LLH5 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STS8DN3LLH5 VBSEMI-STS8DN3LLH5 Datasheet
935Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results

Similar Description - STS8DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STS9D8NH3LL STMICROELECTRONICS-STS9D8NH3LL Datasheet
423Kb / 14P
   Dual N-channel 30 V - 0.012 廓 - 9 A - SO-8 low on-resistance STripFET??Power MOSFET
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
   N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
   N-channel 30 V - 0.008 廓 - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
   N-channel 30 V - 0.018 廓 - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com