Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCFT000130 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MCFT000130
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000130 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MCFT000130 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000130 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <7>
V1.0
18/07/12
Wire Wound Chip Inductor
MCFT02 Wire Wound Chip Inductors / High SRF Type
Electrical Performance Test
Item
Requirement
Test Method
Inductance
Refer to standard electrical
characteristic spec.
HP4286
Q
HP4286
SRF
HP4287
DC Resistance RDC
Micro-Ohm meter (Gom-801G)
Rated Current IDC
Applied the current to coils, The inductance change should 
be less than 10% to initial value
Over Load
Inductors shall have no evidence
of electrical and mechanical
damage
Applied 2 times of rated allowed DC current to inductor for
a period of 5 minutes
Withstanding Voltage
Inductors shall be no evidence
of electrical and mechanical
damage.
AC voltage of 500 VAC applied between inductors terminal
and case for 1 min.
Insulation Resistance
1,000MΩ min.
100 VDC applied between inductor terminal and case
27
±2%, ±3%, ±5%, ±10%
250
62
86
3.2
0.275
450
33
±2%, ±3%, ±5%, ±10%
250
61
80
2.8
0.33
490
39
±2%, ±3%, ±5%, ±10%
250
56
84
2.6
0.43
450
47
±2%, ±3%, ±5%, ±10%
250
48
62
2.4
0.58
420
Item
Requirement
Test Method
Vibration
Appearance: No damage
L change: within ±5%
Q change: within ±10%
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1 min.
Amplitude: 1.5 mm
Time: 2 hrs for each axis (X, Y &Z), total 6 hrs
Resistance to Soldering
Heat
Solder Temperature: 260±5°C
Immersion Time: 10±2 seconds
Component Adhesion
(Push Test)
1 lbs. For 0402
2 lbs. For 0603
3 lbs. For the rest
The device should be soldered (260±5 for 10 seconds) to a
tinned copper subs rate. A dynamiter force gauge should be
applied to the side of the component. The device must with
stand a minimum force of 2 or 4 pounds without a failure of
adhesion on termination
Drop
No damage
Dropping chip by each side and each corner. Drop 10 times
in total
Drop height: 100 cm
Drop weight: 125 g
Solderability
90% covered with solder
Inductor shall be dipped in a melted solder bath at 245±5
for 3 seconds
Resistance to Solvent
No damage on appearance and
marking
MIL-STD-202F, Method 215D
Mechanical Performance Test


Similar Part No. - MCFT000130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000152 ETC2-MCFT000152 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000153 ETC2-MCFT000153 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000154 ETC2-MCFT000154 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000155 ETC2-MCFT000155 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000156 ETC2-MCFT000156 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
More results

Similar Description - MCFT000130

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com