Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCFT000111 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCFT000111
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000111 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCFT000111 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <3>
V1.0
18/07/12
Wire Wound Chip Inductor
MCFT02 Wire Wound Chip Inductors / Standard Type
MCFT03 Wire Wound Chip Inductors / Standard Type
22
±2, ±5, ±10%
250
25
2.8
0.3
400
23.2
53
26.8
53
27
±2, ±5, ±10%
250
24
2.48
0.3
400
28.7
49
33.5
63
33
±2, ±5, ±10%
250
24
2.35
0.35
400
34.9
31
41.7
32
39
±2, ±5, ±10%
250
25
2.1
0.55
200
41.7
47
50.2
45
47
±2, ±5, ±10%
250
25
2.1
0.83
150
50
38
55.8
37
56
±2, ±5, ±10%
250
25
1.76
0.97
100
57.4
49
72.4
40
68
±2, ±5, ±10%
250
22
1.62
1.12
100
69.6
45
83.4
38
82
±2, ±5, ±10%
250
22
1.26
1.55
50
-
-
-
-
100
±2, ±5, ±10%
250
22
1.16
2
30
-
-
-
-
120
±2, ±5, ±10%
250
20
> 1.8
2.66
50
-
-
-
-
Inductance
(nH)
Tolerance
L
Freq.
(MHz)
Quality
Factor
min.
SRF
DCR
IDC
(mA)
max.
900MHz
1.7GHz
Colour
Code
(GHz) min. (Ω) max.
L
Q
L
Q
2.2
±5, ±10%
250
15
6
0.1
700
2.18
41
2.2
64
White
3.3
±2, ±5, ±10%
250
22
> 6
0.08
700
3.35
47
3.4
65
Red
4.7
±2, ±5, ±10%
250
25
5.8
0.12
700
4.65
53
4.8
67
Violet
6.8
±2, ±5, ±10%
250
27
5.8
0.11
700
6.75
60
7.1
81
Red
10
±2, ±5, ±10%
250
31
4.8
0.13
700
10
66
10.6
83
Orange
12
±2, ±5, ±10%
250
35
4
0.13
700
12.3
72
13.5
83
Yellow
15
±2, ±5, ±10%
250
35
4
0.17
700
15.4
64
16.8
89
Green
18
±2, ±5, ±10%
250
35
3.1
0.17
700
18.7
70
21.4
69
Blue
22
±2, ±5, ±10%
250
38
3
0.19
700
22.8
73
26.1
71
Violet
27
±2, ±5, ±10%
250
40
2.8
0.22
600
29.2
74
34.6
65
Gray
33
±2, ±5, ±10%
250
40
2.3
0.22
600
36
67
49.5
42
White
39
±2, ±5, ±10%
250
40
2.2
0.25
600
42.7
60
60.2
40
Black
47
±2, ±5, ±10%
200
38
2
0.28
600
52.2
62
77.2
35
Brown
56
±2, ±5, ±10%
200
38
1.9
0.31
600
62.5
56
97
26
Red
68
±2, ±5, ±10%
200
37
1.7
0.34
600
80.5
54
168
21
Orange
82
±2, ±5, ±10%
150
34
1.7
0.54
400
96.2
54
177
21
Green
100
±2, ±5, ±10%
150
34
1.4
0.58
400
124
49
319.5
13
Blue
120
±2, ±5, ±10%
150
32
1.3
0.65
300
166
39
529.3
8
Gray
150
±2, ±5, ±10%
100
28
1.3
0.95
280
230
25
-
-
White
180
±2, ±5, ±10%
100
25
1.25
1.4
250
305
22
-
-
Black
220
±2, ±5, ±10%
100
25
1.2
1.6
250
377
21
-
-
Brown
270
±2, ±5, ±10%
100
25
0.9
2.1
200
523
19
-
-
Red
330
±2, ±5, ±10%
100
25
0.9
3.8
100
680.4
20
-
-
Blue
390
±2, ±5, ±10%
100
25
0.9
4.35
100
734.5
29
-
-
Yellow
470
±2, ±5, ±10%
100
23
0.6
3.6
80
-
-
-
-
White


Similar Part No. - MCFT000111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000152 ETC2-MCFT000152 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000153 ETC2-MCFT000153 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000154 ETC2-MCFT000154 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000155 ETC2-MCFT000155 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000156 ETC2-MCFT000156 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
More results

Similar Description - MCFT000111

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com