Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCFT000095 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MCFT000095
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000095 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCFT000095 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000095 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <8>
V1.0
18/07/12
Wire Wound Chip Inductor
Climatic Test
Item
Requirement
Test Method
Temperature Characteristic
Appearance: No damage
L change: within ±10% Q
change: within ±20%
-40 ~ +125°C
Humidity
Temperature: 40 ±2°C
Relative Humidity: 90 ~ 95% Time: 96 ±2 hrs
Measured after exposure in the room condition for 2 hrs
Low Temperature Storage
Temperature: -40 ±2°C
Time: 96 ±2 hrs
Inductors are tested after 1 hour at room temperature
Thermal Shock
One cycle:
Step
Temperature(°C)
Time (min.)
1
-25 ±3
30
2
25 ±2
15
3
125 ±3
30
4
25 ±2
15
Total: 5 cycles
High Temperature Storage
Temperature: 125 ±2°C
Time: 96 ±2 hrs
Measured after exposure in the room condition for 1hour
High Temperature Load Life
There should be no evidence of
short of open circuit.
Temperature: 85 ±2°C Time: 1,000 ±12 hrs
Load: Allowed DC current
Damp Heat with Load
Temperature: 40 ±2°C
Relative Humidity: 90 ~ 95% Time: 1,000 ±12 hrs
Load: Allowed DC current
Packaging
Reel Dimensions & Packaging Quantity
Thickness: 0.1(0.004) Max
Storage Temperature: 25±3°C; Humidity < 80%RH


Similar Part No. - MCFT000095

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000152 ETC2-MCFT000152 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000153 ETC2-MCFT000153 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000154 ETC2-MCFT000154 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000155 ETC2-MCFT000155 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000156 ETC2-MCFT000156 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
More results

Similar Description - MCFT000095

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com