Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6411 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6411
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 2 Page - Linear Technology

  LT6411 Datasheet HTML 1Page - Linear Technology LT6411 Datasheet HTML 2Page - Linear Technology LT6411 Datasheet HTML 3Page - Linear Technology LT6411 Datasheet HTML 4Page - Linear Technology LT6411 Datasheet HTML 5Page - Linear Technology LT6411 Datasheet HTML 6Page - Linear Technology LT6411 Datasheet HTML 7Page - Linear Technology LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6400-14
2
640014fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ – V) .........................................3.6V
Input Current (Note 2)..........................................±10mA
Operating Temperature Range
(Note 3) ...............................................–40°C to 85°C
Specified Temperature Range
(Note 4) ...............................................–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
Maximum Junction Temperature........................... 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
17
12
4
3
2
1
V+
VOCM
V+
V–
V–
ENABLE
V+
V–
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LTC6400 AND LTC6401 SELECTOR GUIDE Please check each datasheet for complete details.
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6400CUD-14#PBF
LTC6400CUD-14#TRPBF
LCCR
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6400IUD-14#PBF
LTC6400IUD-14#TRPBF
LCCR
16-Lead (3mm
× 3mm) Plastic QFN
– 40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PART NUMBER
GAIN
(dB)
GAIN
(V/V)
ZIN (DIFFERENTIAL)
(Ω)
ICC
(mA)
LTC6400-8
8
2.5
400
85
LTC6400-14
14
5
200
85
LTC6400-20
20
10
200
90
LTC6400-26
26
20
50
85
LTC6401-8
8
2.5
400
45
LTC6401-14
14
5
200
45
LTC6401-20
20
10
200
50
LTC6401-26
26
20
50
45
In addition to the LTC6400 family of amplifiers, a lower power LTC6401 family is available. The LTC6401 is pin compatible to the LTC6400, and has the
same low noise performance. The lower power consumption of the LTC6401 comes at the expense of slightly higher non-linearity, especially at input
frequencies above 140MHz. Please refer to the separate LTC6401 data sheets for complete details.


Similar Part No. - LT6411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6411 ETC1-LT6411 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT6411 LINER-LT6411 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com