Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4065A
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065A Datasheet(HTML) 1 Page - Linear Technology

  LTC4065A Datasheet HTML 1Page - Linear Technology LTC4065A Datasheet HTML 2Page - Linear Technology LTC4065A Datasheet HTML 3Page - Linear Technology LTC4065A Datasheet HTML 4Page - Linear Technology LTC4065A Datasheet HTML 5Page - Linear Technology LTC4065A Datasheet HTML 6Page - Linear Technology LTC4065A Datasheet HTML 7Page - Linear Technology LTC4065A Datasheet HTML 8Page - Linear Technology LTC4065A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4085
1
4085fd
USB Power Manager with
Ideal Diode Controller and
Li-Ion Charger
The LTC®4085 is a USB power manager and Li-Ion battery
charger designed for portable battery-powered applica-
tions. The part controls the total current used by the USB
peripheral for operation and battery charging. The total
input current can be limited to 20% or 100% of a pro-
grammed value up to 1.5A (typically 100mA or 500mA).
Battery charge current is automatically reduced such that
the sum of the load current and charge current does not
exceed the programmed input current limit.
The LTC4085 includes a complete constant-current/
constant-voltage linear charger for single cell Li-ion bat-
teries. The float voltage applied to the battery is held to a
tight 0.8% tolerance, and charge current is programmable
using an external resistor to ground. An end-of-charge
status output CHRG indicates full charge. Total charge
time is programmable by an external capacitor to ground.
When the battery drops 100mV below the float voltage,
automatic recharging of the battery occurs. Also featured
is an NTC thermistor input used to monitor battery tem-
perature while charging.
The LTC4085 is available in a 14-lead low profile 4mm
×
3mm DFN package.
n Portable USB Devices: Cameras, MP3 Players, PDAs
n Seamless Transition Between Input Power Sources:
Li-Ion Battery, USB and 5V Wall Adapter
n 215mΩ Internal Ideal Diode Plus Optional External
Ideal Diode Controller Provide Low Loss PowerPath
When Wall Adapter/USB Input Not Present
n Load Dependent Charging Guarantees Accurate USB
Input Current Compliance
n Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate Without
Risk of Overheating*
n Selectable 100% or 20% Input Current Limit
(e.g., 500mA/100mA)
n Battery Charge Current Independently Programmable
Up to 1.2A
n Preset 4.2V Charge Voltage with 0.8% Accuracy
n C/10 Charge Current Detection Output
n NTC Thermistor Input for Temperature Qualified Charging
n Tiny (4mm
× 3mm × 0.75mm) 14-Lead DFN Package
Input and Battery Current vs Load Current
RPROG = 100k, RCLPROG = 2k
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 6522118,6700364.
Other patents pending.
IN
SUSP
HPWR
PROG
CLPROG
NTC
VNTC
WALL
ACPR
OUT
GATE
BAT
CHRG
TIMER
LTC4085
GND
+
0.1μF
4.7μF
TO LDOs,
REGs, ETC
10k
10k
2k
100k
4.7μF
5V WALL
ADAPTER
INPUT
5V (NOM)
FROM USB
CABLE VBUS
SUSPEND USB POWER
100mA 500mA SELECT
1k
510Ω
4085 TA01
*
* OPTIONAL - TO LOWER
IDEAL DIODE IMPEDANCE
IIN
ILOAD
IBAT
ILOAD (mA)
0
600
500
400
300
200
100
0
–100
300
500
4085 TA01b
100
200
400
600
ILOAD
IIN
IBAT
(CHARGING)
IBAT
(DISCHARGING)
WALL = 0V
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION


Similar Part No. - LTC4065A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065A LINER-LTC4065A Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065A LINEAR-LTC4065A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065A LINER-LTC4065A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065A LINER-LTC4065A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065A LINEAR-LTC4065A Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
More results

Similar Description - LTC4065A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com