Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4052 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4052
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4052 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4052 Datasheet HTML 6Page - Linear Technology LTC4052 Datasheet HTML 7Page - Linear Technology LTC4052 Datasheet HTML 8Page - Linear Technology LTC4052 Datasheet HTML 9Page - Linear Technology LTC4052 Datasheet HTML 10Page - Linear Technology LTC4052 Datasheet HTML 11Page - Linear Technology LTC4052 Datasheet HTML 12Page - Linear Technology LTC4052 Datasheet HTML 13Page - Linear Technology LTC4052 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4085
10
4085fd
BLOCK DIAGRAM
+
+
+
+
+
+
CC/CV REGULATOR
CHARGER
ENABLE
ENABLE
CURRENT LIMIT
ILIM_CNTL
VBUS
IN
SOFT_START
SOFT_START2
CURRENT_CONTROL
0.25V
2.8V
BATTERY UVLO
4.1V
RECHARGE
TIMER
OSCILLATOR
COUNTER
STOP
CHRG
EOC
CONTROL_LOGIC
RESET
HOLD
RECHRG
BAT_UV
VOLTAGE_DETECT
IN
OUT BAT
CHARGE_CONTROL
100k
100k
NTC_ENABLE
2C0LD
2HOT
NTC
NTCERR
GND
SUSP
+
100k
2k
OUT
GATE
BAT
EDA
IDEAL_DIODE
25mV
25mV
CLK
C/10
ILIM
CL
1V
1000
500mA/100mA
2μA
CLPROG
HPWR
TA
DIE TEMP
105°C
1V
CHG
PROG
+ –
25mV
ACPR
4.25V
WALL
VNTC
NTC
0.1V
2μA
4085 BD
3
4
1
12
7
10
9
8
11
6
2
13
14
ICHRG
UVLO
IIN


Similar Part No. - LTC4052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4052 LINER-LTC4052 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4052 LINER-LTC4052 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
171Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC4052-4.2 LINER-LTC4052-4.2 Datasheet
176Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
LTC4052-4.2 LINER-LTC4052-4.2_15 Datasheet
176Kb / 12P
   Lithium-Ion Battery Pulse Charger with Overcurrent Protection
More results

Similar Description - LTC4052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com