Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1435 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1435
Description  High Speed Single/Dual N-Channel MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1435 Datasheet HTML 2Page - Linear Technology LTC1435 Datasheet HTML 3Page - Linear Technology LTC1435 Datasheet HTML 4Page - Linear Technology LTC1435 Datasheet HTML 5Page - Linear Technology LTC1435 Datasheet HTML 6Page - Linear Technology LTC1435 Datasheet HTML 7Page - Linear Technology LTC1435 Datasheet HTML 8Page - Linear Technology LTC1435 Datasheet HTML 9Page - Linear Technology LTC1435 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1693
PIN FUNCTIONS
SO-8 Package (LTC1693-1, LTC1693-2)
IN1, IN2 (Pins 1, 3): Driver Inputs. The inputs have VCC
independent thresholds with 1.2V typical hysteresis to
improve noise immunity.
GND1, GND2 (Pins 2, 4): Driver Grounds. Connect to a
low impedance ground. The VCC bypass capacitor should
connect directly to this pin. The source of the external
MOSFET should also connect directly to the ground pin.
This minimizes the AC current path and improves signal
integrity. The ground pins should not be tied together if
isolation is required between the two drivers of the
LTC1693-1 and the LTC1693-2.
OUT 1, OUT2 (Pins 5, 7): Driver Outputs. The LTC1693-
1’s outputs are in phase with their respective inputs (IN1,
IN2). The LTC1693-2’s topside driver output (OUT1) is in
phase with its input (IN1) and the bottom side driver’s
output (OUT2) is opposite in phase with respect to its input
pin (IN2).
VCC1, VCC2 (Pins 6, 8): Power Supply Inputs.
MSOP Package (LTC1693-3)
IN (Pin 1): Driver Input. The input has VCC independent
thresholds with hysteresis to improve noise immunity.
NC (Pins 2, 5, 6): No Connect.
PHASE (Pin 3): Output Polarity Select. Connect this pin to
VCC or leave it floating for noninverting operation. Ground
this pin for inverting operation. The typical PHASE pin
input current when pulled low is 20
µA.
GND (Pin 4): Driver Ground. Connect to a low impedance
ground. The VCC bypass capacitor should connect directly
to this pin. The source of the external MOSFET should also
connect directly to the ground pin. This minimizes the AC
current path and improves signal integrity.
OUT (Pin 7): Driver Output.
VCC (Pin 8): Power Supply Input.
VCC1
8
LTC1693-1
DUAL NONINVERTING DRIVER
7
1
2
OUT1
IN1
GND1
VCC2
6
5
3
4
OUT2
IN2
GND2
VCC
8
LTC1693-3
SINGLE DRIVER WITH
POLARITY SELECT
7
1
4
OUT
IN
GND
NC
6
5
3
2
NC
1693 BD
PHASE
NC
VCC1
8
LTC1693-2
TOPSIDE NONINVERTING DRIVER
AND BOTTOM SIDE INVERTING DRIVER
7
1
2
OUT1
IN1
GND1
VCC2
6
5
3
4
OUT2
IN2
GND2
BLOCK DIAGRA SM


Similar Part No. - LTC1435

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435AC LINER-LTC1435AC Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACG LINER-LTC1435ACG Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435ACS LINER-LTC1435ACS Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1435

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com