Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065AEDC Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4065AEDC
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065AEDC Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4065AEDC Datasheet HTML 3Page - Linear Technology LTC4065AEDC Datasheet HTML 4Page - Linear Technology LTC4065AEDC Datasheet HTML 5Page - Linear Technology LTC4065AEDC Datasheet HTML 6Page - Linear Technology LTC4065AEDC Datasheet HTML 7Page - Linear Technology LTC4065AEDC Datasheet HTML 8Page - Linear Technology LTC4065AEDC Datasheet HTML 9Page - Linear Technology LTC4065AEDC Datasheet HTML 10Page - Linear Technology LTC4065AEDC Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC4065/LTC4065A
4065fb
PI FU CTIO S
GND (Pin 1): Ground.
CHRG (Pin 2): Open-Drain Charge Status Output. The
charge status indicator pin has three states: pull-down,
pulse at 2Hz and high impedance state. This output can be
used as a logic interface or as an LED driver. When the
battery is being charged, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the charge current
drops to 10% of the full-scale current, the CHRG pin is
forced to a high impedance state. If the battery voltage
remains below 2.9V for one quarter of the charge time, the
battery is considered defective and the CHRG pin pulses at
a frequency of 2Hz.
BAT (Pin 3): Charge Current Output. Provides charge
current to the battery and regulates the final float voltage
to 4.2V. An internal precision resistor divider on this pin
sets the float voltage and is disconnected in shutdown mode.
VCC (Pin 4): Positive Input Supply Voltage. This pin
provides power to the charger. VCC can range from 3.75V
to 5.5V. This pin should be bypassed with at least a 1
µF
capacitor. When VCC is within 32mV of the BAT pin
voltage, the LTC4065 enters shutdown mode, dropping
IBAT to about 1µA.
EN (Pin 5, LTC4065 Only): Enable Input Pin. Pulling this
pin above the manual shutdown threshold (VMS is typi-
cally 0.82V) puts the LTC4065 in shutdown mode. In
shutdown mode, the LTC4065 has less than 20
µA supply
current and less than 1
µA battery drain current. Enable is
the default state, but the pin should be tied to GND if unused.
ACPR (Pin 5, LTC4065A Only): Open-Drain Power Supply
Status Output. When VCC is greater than the undervoltage
lockout threshold (3.6V) and VBAT+ 80mV (if VBAT> 3.6V),
the ACPR pin will be pulled down to ground; otherwise the
pin is high impedance.
PROG (Pin 6): Charge Current Program and Charge Cur-
rent Monitor Pin. Connecting a 1% resistor, RPROG, to
ground programs the charge current. When charging in
constant-current mode, this pin servos to 1V. In all modes,
the voltage on this pin can be used to measure the charge
current using the following formula:
I
V
R
BAT
PROG
PROG
=
• 1000
Floating the PROG pin sets the charge current to zero
(LTC4065) or puts the part in shutdown mode (LTC4065A).
In shutdown mode, the LTC4065A has less than 20
µA
supply current and about 1
µA battery drain current.
Exposed Pad (Pin 7): Ground. The Exposed Pad must be
soldered to the PCB ground to provide both electrical con-
tact and rated thermal performance.


Similar Part No. - LTC4065AEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065AEDC LINER-LTC4065AEDC Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065AEDC LINER-LTC4065AEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065AEDC LINEAR-LTC4065AEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
More results

Similar Description - LTC4065AEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com