Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3791-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3791-1
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791-1 Datasheet(HTML) 2 Page - Linear Technology

  LT3791-1 Datasheet HTML 1Page - Linear Technology LT3791-1 Datasheet HTML 2Page - Linear Technology LT3791-1 Datasheet HTML 3Page - Linear Technology LT3791-1 Datasheet HTML 4Page - Linear Technology LT3791-1 Datasheet HTML 5Page - Linear Technology LT3791-1 Datasheet HTML 6Page - Linear Technology LT3791-1 Datasheet HTML 7Page - Linear Technology LT3791-1 Datasheet HTML 8Page - Linear Technology LT3791-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC3780
2
3780ff
For more information www.linear.com/LTC3780
absoluTe MaxiMuM raTings
Input Supply Voltage (VIN)........................ –0.3V to 36V
Topside Driver Voltages
(BOOST1, BOOST2) .................................. –0.3V to 42V
Switch Voltage (SW1, SW2) ........................ –5V to 36V
INTVCC, EXTVCC, (BOOST – SW1),
(BOOST2 – SW2), PGOOD.......................... –0.3V to 7V
RUN, SS....................................................... –0.3V to 6V
PLLIN Voltage.......................................... –0.3V to 5.5V
PLLFLTR Voltage....................................... –0.3V to 2.7V
FCB, STBYMD Voltages........................ –0.3V to INTVCC
(Note 1)
ITH, VOSENSE Voltages .............................. –0.3V to 2.4V
Peak Output Current <10µs (TG1, TG2, BG1, BG2).....3A
INTVCC Peak Output Current ................................. 40mA
Operating Junction Temperature Range (Notes 2, 7)
LTC3780E............................................. –40°C to 85°C
LTC3780I............................................ –40°C to 125°C
LTC3780MP ....................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP Only ........................................................ 300°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
PGOOD
SS
SENSE+
SENSE
ITH
VOSENSE
SGND
RUN
FCB
PLLFLTR
PLLIN
STBYMD
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TG2
BOOST2
TJMAX = 125°C, θJA = 130°C/W
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SENSE+
SENSE
ITH
VOSENSE
SGND
RUN
FCB
PLLFTR
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB
pin conFiguraTion


Similar Part No. - LT3791-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791-1 LINER-LT3791-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
More results

Similar Description - LT3791-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com