Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4065A
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4065A Datasheet HTML 6Page - Linear Technology LTC4065A Datasheet HTML 7Page - Linear Technology LTC4065A Datasheet HTML 8Page - Linear Technology LTC4065A Datasheet HTML 9Page - Linear Technology LTC4065A Datasheet HTML 10Page - Linear Technology LTC4065A Datasheet HTML 11Page - Linear Technology LTC4065A Datasheet HTML 12Page - Linear Technology LTC4065A Datasheet HTML 13Page - Linear Technology LTC4065A Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC4065/LTC4065A
4065fb
OPERATIO
typical, not worst-case, ambient temperatures for a given
application with the assurance that the charger will auto-
matically reduce the current in worst-case conditions.
The charge cycle begins when the following conditions are
met: the voltage at the VCC pin exceeds 3.6V and approxi-
mately 80mV above the BAT pin voltage, a program
resistor is present from the PROG pin to ground and the EN
pin (LTC4065 only) is pulled below the shutdown thresh-
old (typically 0.82V).
If the BAT pin voltage is below 2.9V, the charger goes into
trickle charge mode, charging the battery at one-tenth the
programmed charge current to bring the cell voltage up to
a safe level for charging. If the BAT pin voltage is above
4.1V, the charger will not charge the battery as the cell is
near full capacity. Otherwise, the charger goes into the fast
charge constant-current mode.
When the BAT pin approaches the final float voltage
(4.2V), the LTC4065 enters constant-voltage mode and
the charge current begins to decrease. When the current
drops to 10% of the full-scale charge current, an internal
comparator turns off the N-channel MOSFET on the CHRG
pin and the pin assumes a high impedance state.
An internal timer sets the total charge time, tTIMER (typi-
cally 4.5 hours). When this time elapses, the charge cycle
terminates and the CHRG pin assumes a high impedance
state. To restart the charge cycle, remove the input voltage
and reapply it, momentarily force the EN pin above VMS
(typically 0.82V) for LTC4065, or momentarily float the
PROG pin and reconnect it (LTC4065A). The charge cycle
will automatically restart if the BAT pin voltage falls below
VRECHRG (typically 4.1V).
When the input voltage is not present, the battery drain
current is reduced to less than 4
µA. The LTC4065 can also
be shut down by pulling the EN pin above the shutdown
threshold voltage. To put LTC4065A in shutdown mode,
float the PROG pin. This reduces input quiescent current
to less than 20
µAandbatterydraincurrenttolessthan1µA.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current
is 1000 times the current out of the PROG pin. The
program resistor and the charge current are calculated
using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1
1000
•,
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in undervoltage lockout
until VCC rises above 3.6V and approximately 80mV above
the BAT pin voltage. The 3.6V UVLO circuit has a built-in
hysteresis of approximately 0.6V and the automatic shut-
down threshold has a built-in hysteresis of approximately
50mV. During undervoltage lockout conditions, maxi-
mum battery drain current is 4
µA and maximum supply
current is 11
µA.
Shutdown Mode
The LTC4065 can be disabled by pulling the EN pin above
the shutdown threshold (approximately 0.82V). The
LTC4065A can be disabled by floating the PROG pin. In
shutdown mode, the battery drain current is reduced to
less than 1
µA and the supply current to about 20µA.
Timer and Recharge
The LTC4065 has an internal termination timer that starts
when an input voltage greater than the undervoltage
lockout threshold is applied to VCC, or when leaving
shutdown the battery voltage is less than the recharge
threshold.
At power-up or when exiting shutdown, if the battery
voltage is less than the recharge threshold, the charge
time is set to 4.5 hours. If the battery voltage is greater than
the recharge threshold at power-up or when exiting shut-
down, the timer will not start and charging is prevented
since the battery is at or near full capacity.


Similar Part No. - LTC4065A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065A LINER-LTC4065A Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065A LINEAR-LTC4065A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065A LINER-LTC4065A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065A LINER-LTC4065A Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Linear Integrated Syste...
LTC4065A LINEAR-LTC4065A Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
More results

Similar Description - LTC4065A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com