Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1709-8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1709-8
Description  Wide Operating Range, No RSENSE Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1709-8 Datasheet HTML 5Page - Linear Technology LTC1709-8 Datasheet HTML 6Page - Linear Technology LTC1709-8 Datasheet HTML 7Page - Linear Technology LTC1709-8 Datasheet HTML 8Page - Linear Technology LTC1709-8 Datasheet HTML 9Page - Linear Technology LTC1709-8 Datasheet HTML 10Page - Linear Technology LTC1709-8 Datasheet HTML 11Page - Linear Technology LTC1709-8 Datasheet HTML 12Page - Linear Technology LTC1709-8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1778/LTC1778-1
1778fb
OPERATIO
Main Control Loop
The LTC1778 is a current mode controller for DC/DC
step-down converters. In normal operation, the top
MOSFET is turned on for a fixed interval determined by a
one-shot timer OST. When the top MOSFET is turned off,
the bottom MOSFET is turned on until the current com-
parator ICMP trips, restarting the one-shot timer and initi-
ating the next cycle. Inductor current is determined by
sensing the voltage between the PGND and SW pins using
the bottom MOSFET on-resistance . The voltage on the ITH
pin sets the comparator threshold corresponding to in-
ductor valley current. The error amplifier EA adjusts this
voltage by comparing the feedback signal VFB from the
output voltage with an internal 0.8V reference. If the load
current increases, it causes a drop in the feedback voltage
relative to the reference. The ITH voltage then rises until the
average inductor current again matches the load current.
At low load currents, the inductor current can drop to zero
and become negative. This is detected by current reversal
comparator IREV which then shuts off M2, resulting in
discontinuous operation. Both switches will remain off
with the output capacitor supplying the load current until
the ITH voltage rises above the zero current level (0.8V) to
initiate another cycle. Discontinuous mode operation is
disabled by comparator F when the FCB pin is brought
below 0.8V, forcing continuous synchronous operation.
The operating frequency is determined implicitly by the
top MOSFET on-time and the duty cycle required to
maintain regulation. The one-shot timer generates an on-
time that is proportional to the ideal duty cycle, thus
holding frequency approximately constant with changes
in VIN. The nominal frequency can be adjusted with an
external resistor RON.
Overvoltage and undervoltage comparators OV and UV
pull the PGOOD output low if the output feedback voltage
exits a ±7.5% window around the regulation point.
Furthermore, in an overvoltage condition, M1 is turned off
and M2 is turned on and held on until the overvoltage
condition clears.
Foldback current limiting is provided if the output is
shorted to ground. As VFB drops, the buffered current
threshold voltage ITHB is pulled down by clamp Q3 to a 1V
level set by Q4 and Q6. This reduces the inductor valley
current level to one sixth of its maximum value as VFB
approaches 0V.
Pulling the RUN/SS pin low forces the controller into its
shutdown state, turning off both M1 and M2. Releasing
the pin allows an internal 1.2µA current source to charge
up an external soft-start capacitor CSS. When this voltage
reaches 1.5V, the controller turns on and begins switch-
ing, but with the ITH voltage clamped at approximately
0.6V below the RUN/SS voltage. As CSS continues to
charge, the soft-start current limit is removed.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the internal controller circuitry is derived from the
INTVCC pin. The top MOSFET driver is powered from a
floating bootstrap capacitor CB. This capacitor is re-
charged from INTVCC through an external Schottky diode
DB when the top MOSFET is turned off. When the EXTVCC
pin is grounded, an internal 5V low dropout regulator
supplies the INTVCC power from VIN. If EXTVCC rises
above 4.7V, the internal regulator is turned off, and an
internal switch connects EXTVCC to INTVCC. This allows
a high efficiency source connected to EXTVCC, such as an
external 5V supply or a secondary output from the
converter, to provide the INTVCC power. Voltages up to
7V can be applied to EXTVCC for additional gate drive. If
the input voltage is low and INTVCC drops below 3.5V,
undervoltage lockout circuitry prevents the power
switches from turning on.


Similar Part No. - LTC1709-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LT3740 LINER-LT3740 Datasheet
232Kb / 20P
   Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com