Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1450 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1450
Description  16-Bit Rail-to-Rail Micropower DACs in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1450 Datasheet HTML 6Page - Linear Technology LTC1450 Datasheet HTML 7Page - Linear Technology LTC1450 Datasheet HTML 8Page - Linear Technology LTC1450 Datasheet HTML 9Page - Linear Technology LTC1450 Datasheet HTML 10Page - Linear Technology LTC1450 Datasheet HTML 11Page - Linear Technology LTC1450 Datasheet HTML 12Page - Linear Technology LTC1450 Datasheet HTML 13Page - Linear Technology LTC1450 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1655/LTC1655L
APPLICATIONS INFORMATION
Rail-to-Rail Output Considerations
In any rail-to-rail DAC, the output swing is limited to
voltages within the supply range.
If the DAC offset is negative, the output for the lowest
codes limits at 0V as shown in Figure 1b.
Similarly, limiting can occur near full-scale when the REF
pin is tied to VCC/2. If VREF = VCC/2 and the DAC full-scale
error (FSE) is positive, the output for the highest codes
limits at VCC as shown in Figure 1c. No full-scale limiting
can occur if VREF is less than (VCC – FSE)/2.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
Figure 1. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative
Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC/2
1655/55L F01
INPUT CODE
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
32768
0
65535
INPUT CODE
OUTPUT
VOLTAGE
VREF = VCC/2
VCC
VCC
VREF = VCC /2
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
(1b)
(1a)
(1c)


Similar Part No. - LTC1450

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1450 LINER-LTC1450 Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450 LINER-LTC1450 Datasheet
296Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450CG LINER-LTC1450CG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450CN LINER-LTC1450CN Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
LTC1450IG LINER-LTC1450IG Datasheet
325Kb / 16P
   Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
More results

Similar Description - LTC1450

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1655 LINER-LTC1655_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com