Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1474 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1474
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1474 Datasheet HTML 6Page - Linear Technology LTC1474 Datasheet HTML 7Page - Linear Technology LTC1474 Datasheet HTML 8Page - Linear Technology LTC1474 Datasheet HTML 9Page - Linear Technology LTC1474 Datasheet HTML 10Page - Linear Technology LTC1474 Datasheet HTML 11Page - Linear Technology LTC1474 Datasheet HTML 12Page - Linear Technology LTC1474 Datasheet HTML 13Page - Linear Technology LTC1474 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
APPLICATIO S I FOR ATIO
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3406 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 4.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Charateristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
Thermal Considerations
In most applications the LTC3406 does not dissipate
much heat due to its high efficiency. But, in applications
where the LTC3406 is running at high ambient tempera-
ture with low supply voltage and high duty cycles, such
as in dropout, the heat dissipated may exceed the maxi-
mum junction temperature of the part. If the junction
temperature reaches approximately 150°C, both power
switches will be turned off and the SW node will become
high impedance.
To avoid the LTC3406 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
Figure 4. Power Lost vs Load Current
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge, dQ, moves from VIN to ground. The resulting
dQ/dt is the current out of VINthat is typically larger than
the DC bias current. In continuous mode, IGATECHG =
f(QT + QB) where QT and QB are the gate charges of the
internal top and bottom switches. Both the DC bias and
gate charge losses are proportional to VIN and thus
their effects will be more pronounced at higher supply
voltages.
LOAD CURRENT (mA)
0.1
1
0.00001
0.001
1
10
100
1000
3406 F04
0.0001
0.01
0.1
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V


Similar Part No. - LTC1474

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1474 LINER-LTC1474 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474 LINER-LTC1474 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
LTC1474 LINER-LTC1474 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1474CMS8 LINER-LTC1474CMS8 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474CMS8-3.3 LINER-LTC1474CMS8-3.3 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
More results

Similar Description - LTC1474

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com