Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16932 Datasheet(PDF) 2 Page - Linear Technology

Part # 16932
Description  High Speed Single/Dual N-Channel MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

16932 Datasheet(HTML) 2 Page - Linear Technology

  16932 Datasheet HTML 1Page - Linear Technology 16932 Datasheet HTML 2Page - Linear Technology 16932 Datasheet HTML 3Page - Linear Technology 16932 Datasheet HTML 4Page - Linear Technology 16932 Datasheet HTML 5Page - Linear Technology 16932 Datasheet HTML 6Page - Linear Technology 16932 Datasheet HTML 7Page - Linear Technology 16932 Datasheet HTML 8Page - Linear Technology 16932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1693
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) .............................................. 14V
Inputs (IN, PHASE) ................................... – 0.3V to 14V
Driver Output ................................. – 0.3V to VCC + 0.3V
GND1 to GND2 (Note 5) .....................................
±100V
Junction Temperature .......................................... 150
°C
Operating Ambient Temperature Range
C-Grade ................................................... 0
°C to 70°C
I-Grade ................................................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
S8 PART
MARKING
LTC1693-1CS8
LTC1693-1IS8
16931
16931I
1
2
3
4
8
7
6
5
TOP VIEW
VCC1
OUT1
VCC2
OUT2
IN1
GND1
IN2
GND2
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 135°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VCC1
OUT1
VCC2
OUT2
IN1
GND1
IN2
GND2
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 135°C/ W
ORDER PART
NUMBER
S8 PART
MARKING
LTC1693-2CS8
LTC1693-2IS8
16932
16932I
1
2
3
4
IN
NC
PHASE
GND
8
7
6
5
VCC
OUT
NC
NC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/ W
ORDER PART
NUMBER
MS8 PART
MARKING
LTC1693-3CMS8
LTEB
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
4.5
13.2
V
ICC
Quiescent Current
LTC1693-1, LTC1693-2, IN1 = IN2 = 0V (Note 2)
q
400
720
1100
µA
LTC1693-3, PHASE = 12V, IN = 0V
q
200
360
550
µA
ICC(SW)
Switching Supply Current
LTC1693-1, LTC1693-2, COUT = 4.7nF, fIN = 100kHz
q
14.4
20
mA
LTC1693-3, COUT = 4.7nF, fIN = 100kHz
q
7.2
10
mA
Input
VIH
High Input Threshold
q
2.2
2.6
3.1
V
VIL
Low Input Threshold
q
1.1
1.4
1.7
V
IIN
Input Pin Bias Current
q
±0.01
±10
µA
VPH
PHASE Pin High Input Threshold
(Note 3)
q
4.5
5.5
6.5
V
IPH
PHASE Pin Pull-Up Current
PHASE = 0V (Note 3)
q
10
20
45
µA
Output
VOH
High Output Voltage
IOUT = –10mA
q
11.92
11.97
V
VOL
Low Output Voltage
IOUT = 10mA
q
30
75
mV
RONL
Output Pull-Down Resistance
2.85
RONH
Output Pull-Up Resistance
3.00
IPKL
Output Low Peak Current
1.70
A
IPKH
Output High Peak Current
1.40
A
(Note 1)


Similar Part No. - 16932

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1693 POMONA-1693 Datasheet
22Kb / 1P
   Spade Lug Patch Cord For Low Voltage Measurements
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
493Kb / 1P
   Space saving design for high density packaging
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
   High-Accuracy Impedance Bridge
09-20-2012
More results

Similar Description - 16932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com