Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16931 Datasheet(PDF) 8 Page - Linear Technology

Part # 16931
Description  High Speed Single/Dual N-Channel MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

16931 Datasheet(HTML) 8 Page - Linear Technology

Back Button 16931 Datasheet HTML 4Page - Linear Technology 16931 Datasheet HTML 5Page - Linear Technology 16931 Datasheet HTML 6Page - Linear Technology 16931 Datasheet HTML 7Page - Linear Technology 16931 Datasheet HTML 8Page - Linear Technology 16931 Datasheet HTML 9Page - Linear Technology 16931 Datasheet HTML 10Page - Linear Technology 16931 Datasheet HTML 11Page - Linear Technology 16931 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1693
APPLICATIONS INFORMATION
Overview
The LTC1693 single and dual drivers allow 3V- or 5V-based
digital circuits to drive power MOSFETs at high speeds. A
power MOSFET’s gate-charge loss increases with switch-
ing frequency and transition time. The LTC1693 is capable
of driving a 1nF load with a 16ns rise and fall time using a
VCC of 12V. This eliminates the need for higher voltage
supplies, such as 18V, to reduce the gate charge losses.
The LTC1693’s 360
µA quiescent current is an order of
magnitude lower than most other drivers/buffers. This
improves system efficiency in both standby and switching
operation. Since a power MOSFET generally accounts for
the majority of power loss in a converter, addition of the
LT1693 to a high power converter design greatly improves
efficiency, using very little board space.
The LTC1693-1 and LTC1693-2 are dual drivers that are
electrically isolated. Each driver has independent opera-
tion from the other. Drivers may be used in different parts
of a system, such as a circuit requiring a floating driver and
the second driver being powered with respect to ground.
Input Stage
The LTC1693 employs 3V CMOS compatible input thresh-
olds that allow a low voltage digital signal to drive
standard
power MOSFETs. The LTC1693 incorporates a 4V internal
regulator to bias the input buffer. This allows the 3V CMOS
compatible input thresholds (VIH = 2.6V, VIL = 1.4V) to be
independent of variations in VCC. The 1.2V hysteresis
between VIH and VIL eliminates false triggering due to
ground noise during switching transitions. The LTC1693’s
input buffer has a high input impedance and draws less
than 10
µA during standby.
Output Stage
The LTC1693’s output stage is essentially a CMOS in-
verter, as shown by the P- and N-channel MOSFETs in
Figure 1 (P1 and N1). The CMOS inverter swings rail-to-
rail, giving maximum voltage drive to the load. This large
voltage swing is important in driving external power
MOSFETs, whose RDS(ON) is inversely proportional to its
gate overdrive voltage (VGS – VT).
P1
CGD
VDRAIN
POWER
MOSFET
LEQ
(LOAD INDUCTOR
OR STRAY LEAD
INDUCTANCE)
CGS
OUT
GND
LTC1693
1693 F01
N1
V +
VCC
Figure 1. Capacitance Seen by OUT During Switching
The LTC1693’s output peak currents are 1.4A (P1) and
1.7A (N1) respectively. The N-channel MOSFET (N1) has
higher current drive capability so it can discharge the
power MOSFET’s gate capacitance during high-to-low
signal transitions. When the power MOSFET’s gate is
pulled low by the LTC1693, its drain voltage is pulled high
by its load (e.g., a resistor or inductor). The slew rate of the
drain voltage causes current to flow back to the MOSFETs
gate through its gate-to-drain capacitance. If the MOSFET
driver does not have sufficient sink current capability (low
output impedance), the current through the power
MOSFET’s Miller capacitance (CGD) can momentarily pull
the gate high, turning the MOSFET back on.
Rise/Fall Time
Since the power MOSFET generally accounts for the ma-
jority of power lost in a converter, it’s important to quickly
turn it either fully “on” or “off” thereby minimizing the tran-
sition time in its linear region. The LTC1693 has rise and
fall times on the order of 16ns, delivering about 1.4A to 1.7A
of peak current to a 1nF load with a VCC of only 12V.
The LTC1693’s rise and fall times are determined by the
peak current capabilities of P1 and N1. The predriver,
shown in Figure 1 driving P1 and N1, uses an adaptive
method to minimize cross-conduction currents. This is
done with a 6ns nonoverlapping transition time. N1 is fully
turned off before P1 is turned-on and vice-versa using this
6ns buffer time. This minimizes any cross-conduction
currents while N1 and P1 are switching on and off yet is
short enough to not prolong their rise and fall times.


Similar Part No. - 16931

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1693 POMONA-1693 Datasheet
22Kb / 1P
   Spade Lug Patch Cord For Low Voltage Measurements
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
493Kb / 1P
   Space saving design for high density packaging
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
   High-Accuracy Impedance Bridge
09-20-2012
More results

Similar Description - 16931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com