Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06030000ZKEA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRCW06030000ZKEA
Description  Standard Thick Film Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06030000ZKEA Datasheet(HTML) 4 Page - Vishay Siliconix

  CRCW06030000ZKEA Datasheet HTML 1Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 2Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 3Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 4Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 5Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 6Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 7Page - Vishay Siliconix CRCW06030000ZKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20035
128
Revision: 04-Jun-12
D/CRCW e3
Vishay
Standard Thick Film Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
1000
100
10
1
0.1
0.01
Single Pulse
2512
1218
2010
1210
1206
0805
0603
0402
10-6
Pulse Duration
i (s)
t
10-5
10-4
10-3
10-2
10-1
1
10
100
Maximum pulse load, single pulse; applicable if P
0 and n < 1000 and Û
≤ Ûmax.;
for permissible resistance change equivalent to 8000 h operation
1000
10
1
0.1
0.01
10-6
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if P
≤ P (ϑamb) and Û ≤ Ûmax.;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration
i (s)
t
100
10-5
10-4
10-3
10-2
10-1
1
10
100
2512
1218
2010
1210
1206
0805
0603
0402
2000
200
0
10
- 6
10
- 5
10
- 4
10
- 3
10
- 2
10
- 1
110
Maximum pulse voltage, single and continuous pulses; applicable if
P
≤ Pmax.; for permissible resistance change equivalent to 8000 h operation
Pulse Duration
i (s)
400
600
800
1000
1200
1400
1600
1800
2512
2010
1206/1210/1218
0805
0603
0402
t


Similar Part No. - CRCW06030000ZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06030000ZKEA VISHAY-CRCW06030000ZKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW06030000ZKEA VISHAY-CRCW06030000ZKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06030000ZKEA VISHAY-CRCW06030000ZKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW06030000ZKEA VISHAY-CRCW06030000ZKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06030000ZKEA VISHAY-CRCW06030000ZKEA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - CRCW06030000ZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com