Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206JRX7RCBN101 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CC1206JRX7RCBN101
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206JRX7RCBN101 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CC1206JRX7RCBN101 Datasheet HTML 7Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 8Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 9Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 10Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 11Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 12Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 13Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 14Page - YAGEO Corporation CC1206JRX7RCBN101 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Aug 08, 2011 V.4
Surface-Mount Ceramic Multilayer Capacitors
11
16
Product specification
40
40
40
MEA607
20
0
20
0
40
80
120
T ( C)
o
TC
(x10
/K)
6
Fig. 3 Typical temperature coefficient as a function of
temperature
Sample limits (broken lines).
Requirement levels (dotted lines)
HIGH-VOLTAGE NP0
CCA044
7.5
5
2.5
0
−40
0
40
80
120
T (oC)
tan
δ
(
× 104)
10
Fig. 4 Typical tan δ as a function of temperature
HIGH-VOLTAGE X7R
15
5
−15
YNM0013
−25
−55
5
40
95
65
125
T (oC)
10
−10
ΔC
C
(%)
−5
0
Fig. 5 Typical capacitance change as a function of
temperature
300
200
100
0
YNM0041
−40
0
40
80
120
T (
°C)
tan
δ
(
× 10−4)
1 KV product
3 KV product
2 KV product
Fig. 6 Typical tan δ as a function of temperature


Similar Part No. - CC1206JRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206JRX7RCBN103 YAGEO-CC1206JRX7RCBN103 Datasheet
800Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206JRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com