Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1812GRX7RCBN101 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # CC1812GRX7RCBN101
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1812GRX7RCBN101 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button CC1812GRX7RCBN101 Datasheet HTML 4Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 5Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 6Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 7Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 8Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 9Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 10Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 11Page - YAGEO Corporation CC1812GRX7RCBN101 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Aug 08, 2011 V.4
Surface-Mount Ceramic Multilayer Capacitors
8
16
Product specification
Table 4 Sizes from 0805 to 1812
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
0805
1206
1210
1808
1812
Last 2-digit of
12NC
1 KV
1 KV
2 KV
1 KV
2 KV
1 KV
2 KV
3 KV
1 KV
2 KV
3 KV
100 pF
09
150 pF
12
220 pF
14
330 pF
16
470 pF
18
680 pF
21
1.6±0.2
1.0 nF
23
1.6±0.2
1.5 nF
25
1.25±0.2
1.25±0.2
1.35±0.15
2.0±0.2
2.2 nF
27
1.6±0.2
1.6±0.2
2.0±0.2
3.3 nF
29
4.7 nF
32
1.35±0.15
1.35±0.15
6.8 nF
34
1.6±0.2
10 nF
36
1.25±0.2
1.6±0.2
2.0±0.2
15 nF
38
1.25±0.2
22 nF
41
1.6±0.2
1.35±0.15
33 nF
43
2.0±0.2
1.6±0.2
47 nF
45
68 nF
47
100 nF
49
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For products with 5% tolerance, please contact local sales force before ordering


Similar Part No. - CC1812GRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1812GRX7RCBN103 YAGEO-CC1812GRX7RCBN103 Datasheet
800Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1812GRX7RCBN101

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com