Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS17 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SS17
Description  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS17 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SS17 Datasheet HTML 1Page - Fairchild Semiconductor SS17 Datasheet HTML 2Page - Fairchild Semiconductor SS17 Datasheet HTML 3Page - Fairchild Semiconductor SS17 Datasheet HTML 4Page - Fairchild Semiconductor SS17 Datasheet HTML 5Page - Fairchild Semiconductor SS17 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
July 2000, Rev. A
DO-214AC(SMA) Tape and Reel Data, continued
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
DO-214AC(SMA)
(12mm)
2.72
+/-0.10
5.25
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.125
+/-0.125
1.75
+/-0.10
10.25
min
5.5
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
2.45
+/-0.10
0.23
+/-0.10
9.3
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
12mm
Dia
13"
13.0
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
1.97
50 min
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
See detail AA
Dim A
max
13" Diameter Option
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
DO-214AC(SMA) Embossed Carrier Tape
Configuration: Figure 3.0
DO-214AC(SMA) Reel Configuration:
Figure 4.0


Similar Part No. - SS17

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS17 FRONTIER-SS17 Datasheet
1Mb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS17-LFR FRONTIER-SS17-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
VBsemi Electronics Co.,...
SS173 VBSEMI-SS173 Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Frontier Electronics.
SS17H FRONTIER-SS17H Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Kemet Corporation
SS17HB-03225 KEMET-SS17HB-03225 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
More results

Similar Description - SS17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com