Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCB1060-211 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HCB1060-211
Description  Mechanical dimensions
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HCB1060-211 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HCB1060-211 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA P/N : HCB1060 Series
Mechanical dimensions
Electrical Characteristics
Delta P/N
L 1
(nH)
Li
(nH)
DCR
(mΩ)
Isat 2
(A)
Ir 3
(A)
HCB1060-161
160
128
60
HCB1060-181
180
144
52
HCB1060-211
210
168
0.45 ± 8%
45
40
1.
Tolerance of inductance : ± 20%
2.
Isat is the DC current which cause the inductance drop to Li
3.
Ir is the DC current which cause the surface temperature of the part increase approximately 40 ℃.
4.
Operating temperature:
-40℃ to
125℃ (Self-temperature rise included).
Dimensions (Unit : mm)
A
10.0 MAX
B
8.2 MAX
C
6.0 MAX
D
2.2
E
2.5
F
2.7
G
4.0
H
10.5


Similar Part No. - HCB1060-211

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HCB1060-211 CYNTEC-HCB1060-211 Datasheet
66Kb / 2P
   HCB1060 Series
More results

Similar Description - HCB1060-211

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCB1175-121 DELTA-HCB1175-121 Datasheet
55Kb / 1P
   Mechanical dimensions
HCB1275-231 DELTA-HCB1275-231 Datasheet
24Kb / 1P
   Mechanical dimensions
HCB106480N-101 DELTA-HCB106480N-101 Datasheet
132Kb / 2P
   Mechanical dimensions
HCB117555-121 DELTA-HCB117555-121 Datasheet
53Kb / 1P
   Mechanical dimensions
HCB118050-221 DELTA-HCB118050-221 Datasheet
53Kb / 1P
   Mechanical dimensions
HCB137590-231 DELTA-HCB137590-231 Datasheet
54Kb / 1P
   Mechanical dimensions
HMS0864B DELTA-HMS0864B Datasheet
57Kb / 1P
   Mechanical dimensions
MPT1030-R24H1 DELTA-MPT1030-R24H1 Datasheet
53Kb / 1P
   Mechanical dimensions
PCMB177T-1R5MS DELTA-PCMB177T-1R5MS Datasheet
52Kb / 1P
   Mechanical dimensions
HCB0740-850 DELTA-HCB0740-850 Datasheet
24Kb / 1P
   Mechanical dimensions
HCB1050-800L1 DELTA-HCB1050-800L1 Datasheet
26Kb / 1P
   Mechanical dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com