Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1977 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1977
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 1 Page - Linear Technology

  LT1977 Datasheet HTML 1Page - Linear Technology LT1977 Datasheet HTML 2Page - Linear Technology LT1977 Datasheet HTML 3Page - Linear Technology LT1977 Datasheet HTML 4Page - Linear Technology LT1977 Datasheet HTML 5Page - Linear Technology LT1977 Datasheet HTML 6Page - Linear Technology LT1977 Datasheet HTML 7Page - Linear Technology LT1977 Datasheet HTML 8Page - Linear Technology LT1977 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3474/LT3474-1
1
3474fd
The LT®3474/LT3474-1 are fixed frequency step-down
DC/DC converters designed to operate as constant-current
sources. An internal sense resistor monitors the output
current allowing accurate current regulation, ideal for
driving high current LEDs. High output current accuracy
is maintained over a wide current range, from 35mA to
1A, allowing a wide dimming range.
Unique PWM circuitry allows a dimming range of 400:1,
avoiding the color shift normally associated with LED
current dimming.
The high switching frequency offers several advantages,
permitting the use of small inductors and ceramic capaci-
tors. Small inductors combined with the 16-lead TSSOP
surface mount package save space and cost versus
alternative solutions. The constant switching frequency
combined with low-impedance ceramic capacitors result
in low, predictable output ripple.
With their wide input range of 4V to 36V, the LT3474/
LT3474-1 regulate a broad array of power sources, from
5V logic rails to unregulated wall transformers, lead acid
batteries and distributed power supplies. A current mode
PWM architecture provides fast transient response and
cycle-by-cycle current limiting. Frequency foldback and
thermal shutdown provide additional protection.
Automotive and Avionic Lighting
Architectural Detail Lighting
Display Backlighting
Constant Current Sources
n True Color PWM™ Delivers Constant Color with
400:1 Dimming Range
n Wide Input Range: 4V to 36V
n Up to 1A LED Current
n Adjustable 200kHz–2MHz Switching Frequency
n Adjustable Control of LED Current
n Integrated Boost Diode
n High Output Current Accuracy is Maintained
Over a Wide Range from 35mA to 1A
n Open LED (LT3474) and Short-Circuit Protection
n High Side Sense Allows Grounded
Cathode Connection
n Uses Small Inductors and Ceramic Capacitors
n LT3474-1 Drives LED Strings Up to 26V
n Compact 16-Lead TSSOP Thermally Enhanced
Surface Mount Package
TYPICAL APPLICATION
DESCRIPTION
Step-Down
1A LED Driver
Step-Down 1A LED Driver
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners. Patent Pending
FEATURES
APPLICATIONS
Efficiency
VIN
BIAS
OUT
PWM
LED
LED1
DIMMING*
CONTROL
LT3474
0.1μF
VIN
5V TO 36V
2.2μF
0.22μF
10μH
3474 TA01a
80.6k
*SEE APPLICATIONS SECTION FOR DETAILS
SHDN
REF
BOOST
SW
VADJ
RT
VC
GND
2.2μF
LED CURRENT (mA)
0
70
75
80
600
1000
3474 G02
65
60
55
200
400
800
85
90
95
TWO SERIES CONNECTED
WHITE 1A LEDS
ONE WHITE 1A LED
VIN = 12V


Similar Part No. - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1977 LINER-LT1977 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1977EFE LINER-LT1977EFE Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1977IFE LINER-LT1977IFE Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
More results

Similar Description - LT1977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478 Datasheet
288Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
SHENZHEN FUMAN ELECTRON...
FM7609 FUMAN-FM7609 Datasheet
258Kb / 7P
   Non-isolated step-down PWM dimming color temperature LED constant current driver IC
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
   Switch dimming / color linear LED constant current driver chip
logo
List of Unclassifed Man...
3200124 ETC2-3200124 Datasheet
51Kb / 3P
   Ferrules with plastic sleeve, color range 1
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7169 HMSEMI-HM7169 Datasheet
1Mb / 15P
   Segment dimming/color adjustment LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com