Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1766 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1766
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1766 Datasheet HTML 6Page - Linear Technology LT1766 Datasheet HTML 7Page - Linear Technology LT1766 Datasheet HTML 8Page - Linear Technology LT1766 Datasheet HTML 9Page - Linear Technology LT1766 Datasheet HTML 10Page - Linear Technology LT1766 Datasheet HTML 11Page - Linear Technology LT1766 Datasheet HTML 12Page - Linear Technology LT1766 Datasheet HTML 13Page - Linear Technology LT1766 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3474/LT3474-1
10
3474fd
APPLICATIONS INFORMATION
Setting the Switching Frequency
The LT3474 uses a constant frequency architecture that
can be programmed over a 200kHz to 2MHz range with a
single external timing resistor from the RT pin to ground.
The current that flows into the timing resistor is used
to charge an internal oscillator capacitor. A graph for
selecting the value of RT for a given operating frequency
is shown in the Typical Performance Characteristics
section. Table 1 shows suggested RT selections for a
variety of switching frequencies.
Table 1. Switching Frequencies
SWITCHING FREQUENCY (MHz)
RT (kΩ)
210
1.5
18.7
1
33.2
0.7
52.3
0.5
80.6
0.3
147
0.2
232
Operating Frequency Selection
The choice of operating frequency is determined by sev-
eral factors. There is a tradeoff between efficiency and
component size. Higher switching frequency allows the
use of smaller inductors at the cost of increased switching
losses and decreased efficiency.
Another consideration is the maximum duty cycle. In
certain applications, the converter needs to operate at a
high duty cycle in order to work at the lowest input voltage
possible. The LT3474 has a fixed oscillator off-time and
a variable on-time. As a result, the maximum duty cycle
increases as the switching frequency is decreased.
Input Voltage Range
The minimum operating voltage is determined either by the
LT3474’s undervoltage lockout of 4V, or by its maximum
duty cycle. The duty cycle is the fraction of time that the
internal switch is on and is determined by the input and
output voltages:
DC
VV
VV
V
OUT
F
IN
SW
F
=
+
()
+
()
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load). This leads to a minimum input
voltage of:
V
VV
DC
VV
IN MIN
OUT
F
MAX
FSW
() =
+
+
with DCMAX = 1–tOFF(MIN) • f
where t0FF(MIN) is equal to 200ns and f is the switching
frequency.
Example: f = 500kHz, VOUT = 4V
DC
ns
kHz
V
VV
MAX
IN MIN
= −
=
=
+
()
1 200
500
0 90
40 4
0
•.
.
.9
9
04
04
49
–.
.
.
VV
V
+=
The maximum operating voltage is determined by the
absolute maximum ratings of the VIN and BOOST pins,
and by the minimum duty cycle.
V
VV
DC
VV
IN MAX
OUT
F
MIN
FSW
() =
+
+
with DCMIN = tON(MIN) • f
where tON(MIN) is equal to 160ns and f is the switching
frequency.
Example: f = 500kHz, VOUT = 2.5V
DC
ns
kHz
V
VV
MIN
IN MAX
==
=
+
()
160
500
0 08
25
04
0
•.
..
.0
08
04
04
36
–.
.
VV
V
+=
The minimum duty cycle depends on the switching fre-
quency. Running at a lower switching frequency might
allow a higher maximum operating voltage. Note that this
is a restriction on the operating input voltage; the circuit
will tolerate transient inputs up to the Absolute Maximum
Rating.


Similar Part No. - LT1766

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1766 LINER-LT1766 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1766 LINER-LT1766 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT1766 LINER-LT1766 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1766 LINER-LT1766 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
More results

Similar Description - LT1766

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478 Datasheet
288Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
SHENZHEN FUMAN ELECTRON...
FM7609 FUMAN-FM7609 Datasheet
258Kb / 7P
   Non-isolated step-down PWM dimming color temperature LED constant current driver IC
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
   Switch dimming / color linear LED constant current driver chip
logo
List of Unclassifed Man...
3200124 ETC2-3200124 Datasheet
51Kb / 3P
   Ferrules with plastic sleeve, color range 1
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7169 HMSEMI-HM7169 Datasheet
1Mb / 15P
   Segment dimming/color adjustment LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com