Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B140HB Datasheet(PDF) 4 Page - Linear Technology

Part # B140HB
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B140HB Datasheet(HTML) 4 Page - Linear Technology

  B140HB Datasheet HTML 1Page - Linear Technology B140HB Datasheet HTML 2Page - Linear Technology B140HB Datasheet HTML 3Page - Linear Technology B140HB Datasheet HTML 4Page - Linear Technology B140HB Datasheet HTML 5Page - Linear Technology B140HB Datasheet HTML 6Page - Linear Technology B140HB Datasheet HTML 7Page - Linear Technology B140HB Datasheet HTML 8Page - Linear Technology B140HB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3474/LT3474-1
4
3474fd
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit vs Duty Cycle
Switch Current Limit vs
Temperature
Current Limit vs Output Voltage
Oscillator Frequency vs
Temperature
Oscillator Frequency vs RT
Oscillator Frequency Foldback
LED Current vs VADJ
LED Current vs Temperature
Switch Voltage Drop
VADJ (V)
0
600
800
1000
1
3474 GO3
400
200
0
0.25
0.5
0.75
1.25
TA = 25°C
TEMPERATURE (°C)
–50
800
1000
1200
25
75
3474 G04
600
400
–25
0
50
100
125
200
0
VADJ = VREF
VADJ = VREF/5
SWITCH CURRENT (mA)
0
700
600
500
400
300
200
100
0
3474 G05
500
1000
1500
TA = 25°C
DUTY CYCLE (%)
0
1.5
2
2.5
80
3474 G06
1
0.5
0
20
40
60
100
TYPICAL
MINIMUM (125°C)
MINIMUM (85°C)
TEMPERATURE (°C)
–50
–25
0
1
2.5
0
50
75
3474 G07
0.5
2
1.5
25
100
125
VOUT (V)
0
0
0.5
1
1.5
2
2.5
2
46
8
3474 G08
10
12
TA = 25°C
RT (kΩ)
10
100
1000
100
3474 G09
TA = 25°C
TEMPERATURE (°C)
–50
400
450
500
550
600
–25
0
25
50
3474 G10
75
100
125
RT = 80.6k
VOUT (V)
0
0
100
200
300
400
500
600
0.5
1
1.5
2
3474 G11
2.5
TA = 25°C
RT = 80.6k


Similar Part No. - B140HB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140HB DIODES-B140HB Datasheet
51Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30128 Rev. B-2
B140HB DIODES-B140HB Datasheet
444Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30128 Rev. 8 - 2
B140HB DIODES-B140HB Datasheet
97Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 11 - 2 September 2010
B140HB-13 DIODES-B140HB-13 Datasheet
97Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B140HB-13-F DIODES-B140HB-13-F Datasheet
444Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30128 Rev. 8 - 2
More results

Similar Description - B140HB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478 Datasheet
288Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
SHENZHEN FUMAN ELECTRON...
FM7609 FUMAN-FM7609 Datasheet
258Kb / 7P
   Non-isolated step-down PWM dimming color temperature LED constant current driver IC
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
   Switch dimming / color linear LED constant current driver chip
logo
List of Unclassifed Man...
3200124 ETC2-3200124 Datasheet
51Kb / 3P
   Ferrules with plastic sleeve, color range 1
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7169 HMSEMI-HM7169 Datasheet
1Mb / 15P
   Segment dimming/color adjustment LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com