Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1068-25CG Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1068-25CG
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068-25CG Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1068-25CG Datasheet HTML 2Page - Linear Technology LTC1068-25CG Datasheet HTML 3Page - Linear Technology LTC1068-25CG Datasheet HTML 4Page - Linear Technology LTC1068-25CG Datasheet HTML 5Page - Linear Technology LTC1068-25CG Datasheet HTML 6Page - Linear Technology LTC1068-25CG Datasheet HTML 7Page - Linear Technology LTC1068-25CG Datasheet HTML 8Page - Linear Technology LTC1068-25CG Datasheet HTML 9Page - Linear Technology LTC1068-25CG Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC1068 Series
6
1068fc
ELECTRICAL CHARACTERISTICS LTC1068-25 (Internal Op Amps). The
l
denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
3.14
±5.5
V
Voltage Swings
VS = 3.14V, RL = 5k (Note 2)
VS = 4.75V, RL = 5k (Note 3)
VS = ±5V, RL = 5k
l
l
l
1.2
2.6
±3.4
1.6
3.4
±4.1
VP-P
VP-P
V
Output Short-Circuit Current (Source/Sink)
VS = ±4.75V
VS = ±5V
17/6
20/15
mA
mA
DC Open-Loop Gain
RL = 5k
85
dB
GBW Product
VS = ±5V
6
MHz
Slew Rate
VS = ±5V
10
V/µs
Analog Ground Voltage (Note 4)
VS = 5V, Voltage at AGND
2.5V ±2%
V
LTC1068-25 (Complete Filter) VS = ±5V, TA = 25°V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Clock-to-Center Frequency Ratio (Note 5)
VS = 4.75V, fCLK = 500kHz, Mode 1 (Note 3),
fO = 20kHz, Q = 5, VIN = 0.5VRMS,
R1 = R3 = 49.9k, R2 = 10k
l
25 ±0.3
25 ±0.8
25 ±0.9
%
%
VS = ±5V, fCLK = 1MHz, Mode 1,
fO = 40kHz, Q = 5, VIN = 1VRMS,
R1 = R3 = 49.9k, R2 = 10k
l
25 ±0.3
25 ±0.8
25 ±0.9
%
%
Clock-to-Center Frequency Ratio,
Side-to-Side Matching (Note 5)
VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 3)
VS = ±5V, fCLK = 1MHz, Q = 5
l
l
±0.25
±0.25
±0.9
±0.9
%
%
Q Accuracy (Note 5)
VS = 4.75V, fCLK = 500kHz, Q = 5 (Note 3)
VS = ±5V, fCLK = 1MHz, Q = 5
l
l
±1
±1
±3
±3
%
%
fO Temperature Coefficient
±1
ppm/°C
Q Temperature Coefficient
±5
ppm/°C
DC Offset Voltage (Note 5)
(See Table 1)
VS = ±5V, fCLK = 1MHz, VOS1
(DC Offset of Input Inverter)
l
0
±15
mV
VS = ±5V, fCLK = 1MHz, VOS2
(DC Offset of First Integrator)
l
–2
±25
mV
VS = ±5V, fCLK = 1MHz, VOS3
(DC Offset of Second Integrator)
l
–5
±40
mV
Clock Feedthrough
VS = ±5V, fCLK = 1MHz
0.25
mVRMS
Max Clock Frequency (Note 6)
VS = ±5V, Q ≤ 1.6, Mode 1
5.6
MHz
Power Supply Current
VS = 3.14V, fCLK = 1MHz (Note 2)
VS = 4.75V, fCLK = 1MHz (Note 3)
VS = ±5V, fCLK = 1MHz
l
l
l
3.5
6.5
9.5
8
11
15
mA
mA
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Production testing for single 3.14V supply is achieved by using
the equivalent dual supplies of ±1.57V.
Note 3: Production testing for single 4.75V supply is achieved by
using the equivalent dual supplies of ±2.375V.
Note 4: Pin 7 (AGND) is the internal analog ground of the device. For
single supply applications this pin should be bypassed with a 1µF
capacitor. The biasing voltage of AGND is set with an internal resistive
divider from Pin 8 to Pin 23 (see Block Diagram).
Note 5: Side D is guaranteed by design.
Note 6: See Typical Performance Characteristics.


Similar Part No. - LTC1068-25CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-25CG-PBF LINER-LTC1068-25CG-PBF Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068-25CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com