Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS201-G Datasheet(PDF) 1 Page - Comchip Technology

Part # RS201-G
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RS201-G Datasheet(HTML) 1 Page - Comchip Technology

  RS201-G Datasheet HTML 1Page - Comchip Technology RS201-G Datasheet HTML 2Page - Comchip Technology RS201-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Bridge Rectifiers
Page 1
REV:A
RS201-G Thru.
-G
RS207
Dimensions in inches and (millimeter)
QW-BBR82
Reverse Voltage: 50 to 1000V
Forward Current: 2.0Amperes
RoHS Device
RS-2
Comchip Technology CO., LTD.
Features
-Surge overload rating -50 amperes peak.
Mechanical Data
-Ideal for printed circuit board.
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any
-Case: Molded plastic, RS-2
-Weight: 2.85 grams.
0.709(19.0)
0.669(17.0)
0.078(2.0)*45°
0.512(13.0)
0.551(14.0)
(19.0)
0.750
0.148(3.75)
0.160(4.1)
0.236(6.0)
0.276(7.0)
0.140(3.6)
0.028(0.7)TYP.
0.035(0.9)DIA.
0.610(15.5)
0.571(14.5)
0.108(2.75)
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
Unit
Maximum Rec
Peak R
Voltage
urrent
everse
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375” (9.5mm) Lead Lengths
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Typical Junction Capacitance Per Element (Note 1)
Operating Temperature Range
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
CJ
TJ
50
30
-55 to +150
V
V
V
A
A
°C
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
2.0
pF
RS201-G RS202-G RS203-G RS204-G RS205-G RS206-G RS207-G
I t
Rating For Fusing ( t < 8.3 ms)
2
15
A s
2
Note: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
MIN.
@TA = 40°C
VF
IR
1.1
10.0
V
μA
Maximum Forward Voltage Drop
Maximum DC Reverse Current
At Rated DC Blocking Voltage
Per Element at 2.0A Peak
1.0
TJ=100°C
TJ=25°C
Storage Temperature Range
TSTG
-55 to +150
°C
mA
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - RS201-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RS201-G COMCHIP-RS201-G Datasheet
248Kb / 3P
   Surface Mount Silicon Bridge Rectifiers
RS201-G COMCHIP-RS201-G Datasheet
86Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - RS201-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com