Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL36370-R010-F Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # RL36370-R010-F
Description  3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RL36370-R010-F Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  RL36370-R010-F Datasheet HTML 1Page - Delta Electronics, Inc. RL36370-R010-F Datasheet HTML 2Page - Delta Electronics, Inc. RL36370-R010-F Datasheet HTML 3Page - Delta Electronics, Inc. RL36370-R010-F Datasheet HTML 4Page - Delta Electronics, Inc. RL36370-R010-F Datasheet HTML 5Page - Delta Electronics, Inc. RL36370-R010-F Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DOCUMENT : SRG00000NH
REVISION
: A0
PAGE
: 2 OF 6
SPECIFICATION FOR APPROVAL
3-2 Marking
Resistance value is marked on the top surface.
Ex.)
2m
Ω → R002
10m
Ω → R010
4. Ratings
4-1 Specification
Power Rating*
3 W
Resistance Value
1 m
Ω ~ <2 mΩ
2 ~ 10m
Ω
Temperature Coefficient of Resistance
0~+150 ppm/℃
±100ppm/℃
Resistance Tolerance
± 1%,± 2%,± 5%
Insulation Resistance
Over 100M
Ω
Rated Voltage (V)
( P*R)
1/2
Note * :
Power rating is based on continuous full load operation at rated ambient temperature of 70℃.
For resistors operated at ambient temperature in excess of 70℃, the maximum load shall be
derated in accordance with the following curve.
AMBIENT TEMPERATURE(
)
0
170
70
100
-55
Figure 2.:Power Temperature Derating Curve
4-2 Operation and Storage Temperature Range
-55℃ to
+170℃


Similar Part No. - RL36370-R010-F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL3 SANKEN-RL3 Datasheet
20Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RL3 ETC-RL3 Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Willow Technologies Ltd
RL3 WILLOW-RL3 Datasheet
120Kb / 2P
   ULTRA PRECISION METAL FILM RESISTORS
logo
List of Unclassifed Man...
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL36370-R010-F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLW2012-F-R005F DELTA-RLW2012-F-R005F Datasheet
140Kb / 7P
   1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
DAESAN ELECTRONIC CORP.
RL1220-F-R010F DAESAN-RL1220-F-R010F Datasheet
211Kb / 8P
   1/3W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
RL0816-F-R010F DAESAN-RL0816-F-R010F Datasheet
144Kb / 7P
   1/3W, 0603, Low Resistance Chip Resistor (Lead / Halogen free)
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Delta Electronics, Inc.
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL2550W-R005F DELTA-RL2550W-R005F Datasheet
100Kb / 8P
   1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-6-R001F DELTA-RL1632W-6-R001F Datasheet
129Kb / 6P
   1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
   1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com