Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDER24V Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDER24V
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDER24V Datasheet(HTML) 1 Page - Comchip Technology

  CPDER24V Datasheet HTML 1Page - Comchip Technology CPDER24V Datasheet HTML 2Page - Comchip Technology CPDER24V Datasheet HTML 3Page - Comchip Technology CPDER24V Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDER Series
SMD ESD Protection Diode
RoHS Device
Page 1
QW-A7006
REV:E
Features
- Bi-directional ESD protection.
- Surface mount package.
- Ultra small SMD package:0503.
- High component density.
Mechanical data
- Case: 0503(1308) standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
- Marking Code:
CPDER5V0: E05
CPDER12V: E12
CPDER24V: E24
- Mounting position: Any.
- Weight: 0.002 gram(approx.).
Comchip Technology CO., LTD.
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
CPDER5V0
CPDER12V
CPDER24V
IR = 1mA
Leakage current
IL
uA
CPDER5V0
CPDER12V
CPDER24V
20
- - -
CT
pF
CPDER5V0
CPDER12V
CPDER24V
VR =0V,f =1MHz
13
5.1
25
0.1
17
7.0
28
15
12
10
2.0
- - -
VR = 5V
VR = 24V
VR = 12V
Clamping voltage
ESD capability
kV
25
47
CPDER5V0
CPDER12V
CPDER24V
16
Peak pulse power
PPP
W
75
CPDER Series
Storage temperature
Operation temperature
125
OC
TSTG
Tj
OC
150
CPDER Series
CPDER Series
-55
VC
V
IPP = 5A,TP=8/20us
15
IPP = 1A,TP=8/20us
IPP = 1A,TP=8/20us
25
47
CPDER5V0
CPDER12V
CPDER24V
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
Comchip
S M D D i o d e S p e c i a l i s t
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.030(0.75)
0.024(0.60)
Dimensions in inches and (millimeter)
0503/SOD-723F
0.022(0.55) Typ.
0.016(0.40) Typ.


Similar Part No. - CPDER24V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDER24V-HF COMCHIP-CPDER24V-HF Datasheet
189Kb / 4P
   SMD ESD Protection Diode
CPDER24V0U-HF COMCHIP-CPDER24V0U-HF Datasheet
102Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDER24V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com