Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1317B Datasheet(PDF) 6 Page - Linear Technology

Part # LT1317B
Description  Available in MiniDiP, TO-220, and TO-3 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317B Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1317B Datasheet HTML 2Page - Linear Technology LT1317B Datasheet HTML 3Page - Linear Technology LT1317B Datasheet HTML 4Page - Linear Technology LT1317B Datasheet HTML 5Page - Linear Technology LT1317B Datasheet HTML 6Page - Linear Technology LT1317B Datasheet HTML 7Page - Linear Technology LT1317B Datasheet HTML 8Page - Linear Technology LT1317B Datasheet HTML 9Page - Linear Technology LT1317B Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1072
1072fc
Transconductance of Error
Amplifier
VC Pin Characteristics
Switch “Off” Characteristics
FREQUENCY (Hz)
1000
3000
4000
6000
7000
1k
100k
1M
10M
LT1072 • TPC19
–1000
10k
5000
2000
0
150
90
60
0
–30
210
30
120
180
Gm
θ
VC PIN VOLTAGE (V)
0
–400
–300
–200
–100
300
100
0.5
1.0
200
0
1.5
2.0
2.5
LT1072 • TPC20
VFB = 1.5V (CURRENT INTO VC PIN)
VFB = 0.8V (CURRENT OUT OF VC PIN)
TJ = 25°C
SWITCH VOLTAGE (V)
0
600
800
1000
80
LT1072 • TPC21
400
200
500
700
900
300
100
0
20
10
40
30
60 70
90
50
100
VSUPPLY = 55V
VSUPPLY = 40V
VSUPPLY = 15V
VSUPPLY = 3V
2.3V
REG
40kHz
OSC
FB
VC
SHUTDOWN
CIRCUIT
0.15V
0.16Ω
GAIN
≈ 6
GND
MODE
SELECT
LOGIC
COMP
VIN
FLYBACK
ERROR
AMP
DRIVER
ANTI-
SAT
SWITCH
OUT
16V
+
0.16Ω
E1*
* ALWAYS CONNECT E1 TO GROUND PIN ON MINIDIP AND SURFACE MOUNT
PACKAGES. EMITTERS TIED TO GROUND ON TO-3 AND TO-220 PACKAGES
E2
1.24V
REF
ERROR
AMP
CURRENT
AMP
LT1072 • BD01
TYPICAL PERFOR A CE CHARACTERISTICS
BLOCK DIAGRA


Similar Part No. - LT1317B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317B LINER-LT1317B Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317BCMS8 LINER-LT1317BCMS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317BCS8 LINER-LT1317BCS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317BIS8 LINER-LT1317BIS8 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results

Similar Description - LT1317B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Aavid, Thermal Division...
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
534202B33453 AAVID-534202B33453 Datasheet
81Kb / 2P
   For use with TO-220 packages
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
574102B03300 AAVID-574102B03300 Datasheet
83Kb / 2P
   For use with TO-220 packages
575002B00000 AAVID-575002B00000 Datasheet
80Kb / 2P
   For use with TO-220 packages
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
   For use with TO-220 packages
576802B04100 AAVID-576802B04100 Datasheet
88Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com