Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4705 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4705
Description  WASHERS AND NUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4705 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4705 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4705 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
132
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
MOUNT CHASSIS, PANELS, HEAT SINKS, SOCKETS
HEX MACHINE NUTS
BLIND CAPTIVE NUTS - PRESS FIT
METRIC MACHINE NUTS
Easy Assembly Dampens Vibration
Eliminates Insulating Washer Hi-Dielectric Strength
T
A
H
H
IDEAL
HOLE
SHEET
CAT. NO.
THREAD
SIZE REQ’D. THICKNESS
AT
4341
4-40
.250 (6.4)
.047 (1.2)
.312 (7.9)
.030 (.76)
4342
6-32
.312 (7.9)
.078 (1.9)
.375 (9.5)
.030 (.76)
4343
8-32
.406 (10.3)
.093 (2.4)
.500 (12.7)
.030 (.76)
MATERIAL: Molded Nylon with Brass threaded insert
A unique reusable fastener made of NYLON which contains a
threaded brass nut. Finger pressure or light tap seals it in a
pre-drilled hole. The nut is drawn up causing a Nylon bulge
behind the workpiece. Screw may be removed or replaced.
Shown Installed
(Screw not supplied)
THREAD
HEX
THREAD
HEX
MATERIAL: Nylon 6/6 (RoHS Compliant)
Steel, Zinc Plate (Non-RoHS Compliant)
Note: RoHS Compliant finishes available on
special order
MATERIAL: Nylon 6/6 UL Rated 94V-2
Steel, Nickel Plate
NYLON SHOULDER WASHER/BUSHINGS
FIBRE SHOULDER WASHERS
MATERIAL: Nylon 6/6 per ASTM D4066
MATERIAL: Fibre, Commercial Grade per ASTM D710
O.D.
S.D.
L
I.D.
B
O.D.
S.D.
L
I.D.
B
CAT.
SCREW
NO.
LO.D.
B
I.D.
S.D.
SIZE
3229 .025 (.64) .250 (6.4) .047 (1.2) .093 (2.4) .123 (3.1)
#2
3061 .025 (.64) .250 (6.4) .047 (1.2) .093 (2.4) .156 (4.0)
344
.015 (.38) .312 (7.9) .062 (1.57) .125 (3.2) .203 (5.2)
343
.025 (.64) .312 (7.9) .062 (1.57) .125 (3.2) .203 (5.2)
3062 .031 (.79) .250 (6.4) .031 (.79) .115 (2.9) .187 (4.7)
#4
3230 .031 (.79) .281 (7.1) .062 (1.57) .115 (2.9) .175 (4.4)
3231 .031 (.79) .312 (7.9) .062 (1.57) .120 (3.1) .180 (4.6)
4698 .031 (.79) .250 (6.4) .062 (1.57) .140 (3.6) .187 (4.7)
3064 .031 (.79) .312 (7.9) .062 (1.57) .140 (3.6) .187 (4.7)
3232 .031 (.79) .375 (9.5) .062 (1.57) .140 (3.6) .210 (5.3)
#6
3233 .031 (.79) .375 (9.5) .062 (1.57) .140 (3.6) .240 (6.1)
3234 .031 (.79) .500 (12.7) .062 (1.57) .140 (3.6) .240 (6.1)
3065 .031 (.79) .375 (9.5) .062 (1.57) .170 (4.3) .246 (6.2)
3066 .031 (.79) .417 (10.6) .062 (1.57) .170 (4.3) .210 (5.3)
3235 .031 (.79) .312 (7.9) .062 (1.57) .170 (4.3) .218 (5.5)
#8
3236 .031 (.79) .375 (9.5) .062 (1.57) .170 (4.3) .215 (5.5)
3237 .031 (.79) .500 (12.7) .062 (1.57) .170 (4.3) .240 (6.1)
4702 .031 (.79) .375 (9.5) .062 (1.57) .194 (4.9) .308 (7.8)
3238 .031 (.79) .375 (9.5) .062 (1.57) .194 (4.9) .240 (6.1)
#10
3239 .031 (.79) .500 (12.7) .062 (1.57) .196 (5.0) .240 (6.1)
4711 .031 (.79) .500 (12.7) .062 (1.57) .253 (6.4) .308 (7.8)
.250-20
3240 .031 (.79) .625 (15.9) .062 (1.57) .265 (6.7) .359 (9.1)
3069 .031 (.79) .625 (15.9) .062 (1.57) .385 (9.8) .498 (12.6)
.375-24
3241 .031 (.79) .750 (19.1) .062 (1.57) .385 (9.8) .498 (12.6)
CAT.
SCREW
NO.
L
O.D.
B
I.D.
S.D.
SIZE
7680 .025 (.64) .260 (6.6) .030 (.76) .095 (2.4) .154 (3.9)
3051 .125 (3.2) .181 (4.6) .047 (1.2) .090 (2.3) .120 (3.1)
3101 .187 (4.8) .181 (4.6) .047 (1.2) .090 (2.3) .120 (3.1)
#2
3052 .250 (6.4) .181 (4.6) .047 (1.2) .090 (2.3) .120 (3.1)
3049 .031 (.79) .218 (5.5) .040 (1.0) .115 (2.9) .135 (3.4)
7681 .047 (1.2) .250 (6.4) .032 (.81) .115 (2.9) .185 (4.7)
3053 .093 (2.4) .235 (6.0) .047 (1.2) .115 (2.9) .145 (3.7)
#4
3102 .125 (3.2) .235 (6.0) .047 (1.2) .115 (2.9) .145 (3.7)
3103 .187 (4.7) .235 (6.0) .047 (1.2) .115 (2.9) .145 (3.7)
340
.250 (6.4) .235 (6.0) .047 (1.2) .115 (2.9) .145 (3.7)
7682 .032 (.81) .385 (9.8) .062 (1.57) .145 (3.7) .240 (6.1)
7683 .032 (.81) .250 (6.4) .062 (1.57) .140 (3.6) .187 (4.7)
7684 .032 (.81) .312 (7.9) .062 (1.57) .140 (3.6) .187 (4.7)
3054 .125 (3.2) .290 (7.4) .047 (1.19) .140 (3.6) .170 (4.3)
#6
3104 .187 (4.7) .290 (7.4) .047 (1.19) .140 (3.6) .170 (4.3)
341
.250 (6.4) .290 (7.4) .047 (1.19) .140 (3.6) .170 (4.3)
3055 .500 (12.7) .290 (7.4) .047 (1.19) .140 (3.6) .170 (4.3)
7685 .032 (.81) .375 (9.5) .032 (.81) .171 (4.3) .250 (6.4)
3056 .140 (3.6) .344 (8.7) .062 (1.57) .171 (4.3) .205 (5.2)
3105 .250 (6.4) .344 (8.7) .062 (1.57) .171 (4.3) .205 (5.2)
#8
342
.375 (9.5) .344 (8.7) .062 (1.57) .171 (4.3) .205 (5.2)
3106 .500 (12.7) .344 (8.7) .062 (1.57) .171 (4.3) .205 (5.2)
7686 .032 (.81) .375 (9.5) .062 (1.57) .196 (5.0) .308 (7.8)
3107 .093 (2.36) .438 (11.1) .062 (1.57) .200 (5.1) .260 (6.6)
3108 .250 (6.4) .399 (10.1) .062 (1.57) .200 (5.1) .260 (6.6)
#10
3057 .500 (12.7) .399 (10.1) .062 (1.57) .200 (5.1) .260 (6.6)
3058 .750 (19.1) .399 (10.1) .062 (1.57) .200 (5.1) .260 (6.6)
7687 .032 (.81) .437 (11.1) .032 (.81) .253 (6.4) .310 (7.9)
7688 .078 (1.98) .492 (12.7) .032 (.81) .260 (6.7) .312 (7.9)
3059 .187 (4.7) .513 (13.0) .062 (1.57) .260 (6.7) .312 (7.9)
.250-20
3109 .250 (6.4) .513 (13.0) .062 (1.57) .260 (6.7) .312 (7.9)
3110 .375 (9.5) .513 (13.0) .062 (1.57) .260 (6.7) .312 (7.9)
3060 .500 (12.7) .513 (13.0) .062 (1.57) .260 (6.7) .312 (7.9)
STEEL
NYLON
CAT. NO.
CAT. NO.
HEX
THREAD
4694
187 (4.7)
9600
9605
.250 (6.4)
4-40
4701
.250 (6.4)
6-32
9602
9606
.312 (7.9)
9603
.250 (6.4)
8-32
9604
9607
312 (7.9)
4705
9608
.375 (9.5)
10-32
4713
.430 (10.9)
.250-28
4716
.500 (12.7)
.312-24
STEEL
NYLON
CAT. NO.
CAT. NO.
HEX
THREAD
4707
4687
5.00 mm
M2.5
4708
4688
5.50 mm
M3
4709
4689
7.00 mm
M4
M60 Section 8 FREV2:11-2011
11/20/11
2:52 PM
Page 132


Similar Part No. - 4705

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
4705 DIOTEC-4705 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Keystone Electronics Co...
4705 KEYSTONE-4705 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Filtran LTD
4705-05 FILTRAN-4705-05 Datasheet
77Kb / 1P
   Power Transformers Low Profile
4705-06 FILTRAN-4705-06 Datasheet
77Kb / 1P
   Power Transformers Low Profile
4705-08 FILTRAN-4705-08 Datasheet
77Kb / 1P
   Power Transformers Low Profile
More results

Similar Description - 4705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WASHERS ETC2-WASHERS Datasheet
68Kb / 1P
   WASHERS
NAS1149 ETC2-NAS1149 Datasheet
868Kb / 2P
   Washers Aircraft
D01105 ETC2-D01105 Datasheet
126Kb / 1P
   Flat Washers
logo
Amphenol Corporation
L17D204182TX AMPHENOL-L17D204182TX Datasheet
108Kb / 1P
   Accessory, screwlock with nut and washers
logo
List of Unclassifed Man...
481-0685 ETC2-481-0685 Datasheet
184Kb / 2P
   Star Washers
561-04032 ETC2-561-04032 Datasheet
79Kb / 2P
   Nylon Retaining Washers
48AN007 ETC2-48AN007 Datasheet
122Kb / 2P
   Nuts
logo
Honeywell Accelerometer...
AD3721R HONEYWELL-ACC-AD3721R Datasheet
51Kb / 1P
   SCREWS NUTS AND LOCKWASHERS FURNISHED UNASSEMBLED
logo
List of Unclassifed Man...
3131 ETC2-3131 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
D01140 ETC2-D01140 Datasheet
114Kb / 1P
   Single Coil Spring Washers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com